Electronic Components Datasheet Search
  English  ▼

X  

ECOS2AA102EL Datasheet(PDF) 4 Page - Panasonic Semiconductor

Part # ECOS2AA102EL
Description  Large Can Aluminum Electrolytic Capacitors
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ECOS2AA102EL Datasheet(HTML) 4 Page - Panasonic Semiconductor

  ECOS2AA102EL Datasheet HTML 1Page - Panasonic Semiconductor ECOS2AA102EL Datasheet HTML 2Page - Panasonic Semiconductor ECOS2AA102EL Datasheet HTML 3Page - Panasonic Semiconductor ECOS2AA102EL Datasheet HTML 4Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
Design and specifications are subject to change without notice. Ask factory for technical specifications before purchase and/or use.
Whenever a doubt about safety arises from this product, please contact us immediately for technical consultation.
18
Large Can Aluminum Electrolytic Capacitors
TS-HA Standard Ratings (continued)
Cap.
Panasonic
Cap.
Panasonic
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
(µF)
120Hz
10k~100kHz
120Hz
20kHz
Part Number
180
20 x 35
0.90
1.26
0.921
0.461
ECOS2EA181AA
56
20 x 30
0.51
0.71
2.368
0.829
ECOS2TA560AA
220
20 x 40
1.00
1.40
0.754
0.377
ECOS2EA221AA
68
20 x 35
0.56
0.78
1.950
0.683
ECOS2TA680AA
68
22 x 20
0.40
0.56
2.926
1.463
ECOS2EA680BL
82
20 x 40
0.64
0.90
1.617
0.566
ECOS2TA820AA
68
22 x 25
0.40
0.56
2.438
1.219
ECOS2EA680BA
33
22 x 20
0.20
0.28
5.024
1.758
ECOS2TA330BL
100
22 x 25
0.55
0.77
1.658
0.829
ECOS2EA101BA
56
22 x 25
0.51
0.71
2.368
0.829
ECOS2TA560BA
150
22 x 25
0.75
1.05
1.105
0.553
ECOS2EA151BA
68
22 x 30
0.56
0.78
1.950
0.683
ECOS2TA680BA
180
22 x 30
0.90
1.26
0.921
0.461
ECOS2EA181BA
82
22 x 35
0.64
0.90
1.617
0.566
ECOS2TA820BA
220
22 x 30
1.00
1.40
0.754
0.377
ECOS2EA221BA
100
22 x 35
0.69
0.97
1.326
0.464
ECOS2TA101BA
270
22 x 35
1.10
1.54
0.614
0.307
ECOS2EA271BA
120
22 x 35
0.75
1.05
1.105
0.387
ECOS2TA121BA
330
22 x 40
1.20
1.68
0.502
0.251
ECOS2EA331BA
150
22 x 50
0.82
1.15
0.884
0.309
ECOS2TA151BA
390
22 x 45
1.30
1.82
0.425
0.213
ECOS2EA391BA
47
25 x 20
0.25
0.35
3.527
1.235
ECOS2TA470CL
100
25 x 20
0.50
0.70
1.989
0.995
ECOS2EA101CL
68
25 x 25
0.56
0.78
1.950
0.683
ECOS2TA680CA
180
25 x 25
0.90
1.26
0.921
0.461
ECOS2EA181CA
82
25 x 25
0.64
0.90
1.617
0.566
ECOS2TA820CA
220
25 x 25
1.00
1.40
0.754
0.377
ECOS2EA221CA
100
25 x 30
0.69
0.97
1.326
0.464
ECOS2TA101CA
270
25 x 30
1.10
1.54
0.614
0.307
ECOS2EA271CA
120
25 x 30
0.75
1.05
1.105
0.387
ECOS2TA121CA
330
25 x 35
1.20
1.68
0.502
0.251
ECOS2EA331CA
150
25 x 40
0.82
1.15
0.884
0.309
ECOS2TA151CA
390
25 x 35
1.30
1.82
0.425
0.213
ECOS2EA391CA
180
25 x 45
0.95
1.33
0.737
0.258
ECOS2TA181CA
470
25 x 45
1.40
1.96
0.353
0.176
ECOS2EA471CA
220
25 x 50
1.10
1.54
0.603
0.211
ECOS2TA221CA
560
25 x 50
1.50
2.10
0.296
0.148
ECOS2EA561CA
68
30 x 20
0.35
0.49
2.438
0.853
ECOS2TA680DL
150
30 x 20
0.65
0.91
1.326
0.663
ECOS2EA151DL
150
30 x 30
0.82
1.15
0.884
0.309
ECOS2TA151DA
270
30 x 25
1.10
1.54
0.614
0.307
ECOS2EA271DA
180
30 x 35
0.95
1.33
0.737
0.258
ECOS2TA181DA
330
30 x 25
1.20
1.68
0.502
0.251
ECOS2EA331DA
220
30 x 40
1.10
1.54
0.603
0.211
ECOS2TA221DA
390
30 x 30
1.30
1.82
0.425
0.213
ECOS2EA391DA
270
30 x 45
1.20
1.68
0.491
0.172
ECOS2TA271DA
470
30 x 35
1.40
1.96
0.353
0.176
ECOS2EA471DA
330
30 x 50
1.35
1.89
0.402
0.161
ECOS2TA331DA
560
30 x 35
1.50
2.10
0.296
0.148
ECOS2EA561DA
100
35 x 20
0.47
0.66
1.658
0.580
ECOS2TA101EL
680
30 x 45
1.70
2.38
0.244
0.122
ECOS2EA681DA
180
35 x 25
0.95
1.33
0.737
0.258
ECOS2TA181EA
820
30 x 50
2.00
2.80
0.202
0.101
ECOS2EA821DA
220
35 x 30
1.10
1.54
0.603
0.211
ECOS2TA221EA
220
35 x 20
0.87
1.22
0.904
0.452
ECOS2EA221EL
270
35 x 35
1.20
1.68
0.491
0.172
ECOS2TA271EA
470
35 x 30
1.40
1.96
0.353
0.176
ECOS2EA471EA
330
35 x 40
1.35
1.89
0.402
0.161
ECOS2TA331EA
560
35 x 30
1.50
2.10
0.296
0.148
ECOS2EA561EA
390
35 x 45
1.55
2.17
0.340
0.136
ECOS2TA391EA
680
35 x 35
1.70
2.38
0.244
0.122
ECOS2EA681EA
470
35 x 50
1.75
2.45
0.282
0.127
ECOS2TA471EA
820
35 x 40
2.00
2.80
0.202
0.101
ECOS2EA821EA
1000
35 x 45
2.20
3.08
0.199
0.099
ECOS2EA102EA
1200
35 x 50
2.30
3.22
0.166
0.083
ECOS2EA122EA
56
20 x 30
0.51
0.71
2.368
0.829
ECOS2GA560AA
56
22 x 25
0.40
0.56
2.368
0.947
ECOS2WA560BA
68
20 x 35
0.56
0.78
1.950
0.683
ECOS2GA680AA
68
22 x 30
0.50
0.70
1.950
0.780
ECOS2WA680BA
82
20 x 40
0.64
0.90
1.617
0.566
ECOS2GA820AA
82
22 x 35
0.56
0.78
1.617
0.647
ECOS2WA820BA
33
22 x 20
0.20
0.28
5.024
1.758
ECOS2GA330BL
100
22 x 40
0.64
0.90
1.326
0.531
ECOS2WA101BA
33
22 x 25
0.30
0.42
4.521
1.582
ECOS2GA330BA
120
22 x 45
0.72
1.01
1.105
0.442
ECOS2WA121BA
47
22 x 25
0.43
0.60
2.822
0.988
ECOS2GA470BA
150
22 x 50
0.79
1.11
0.884
0.354
ECOS2WA151BA
56
22 x 25
0.51
0.71
2.368
0.829
ECOS2GA560BA
68
25 x 25
0.50
0.70
1.950
0.780
ECOS2WA680CA
68
22 x 30
0.56
0.78
1.950
0.683
ECOS2GA680BA
100
25 x 30
0.64
0.90
1.326
0.531
ECOS2WA101CA
82
22 x 35
0.64
0.90
1.617
0.566
ECOS2GA820BA
120
25 x 35
0.72
1.01
1.105
0.442
ECOS2WA121CA
100
22 x 35
0.69
0.97
1.326
0.464
ECOS2GA101BA
150
25 x 40
0.79
1.11
0.884
0.354
ECOS2WA151CA
120
22 x 40
0.75
1.05
1.105
0.387
ECOS2GA121BA
180
25 x 45
0.87
1.22
0.737
0.295
ECOS2WA181CA
150
22 x 50
0.82
1.15
0.884
0.309
ECOS2GA151BA
220
25 x 50
1.00
1.40
0.678
0.271
ECOS2WA221CA
47
25 x 20
0.25
0.35
3.527
1.235
ECOS2GA470CL
100
30 x 25
0.64
0.90
1.326
0.531
ECOS2WA101DA
68
25 x 25
0.56
0.78
1.950
0.683
ECOS2GA680CA
150
30 x 30
0.79
1.11
0.884
0.354
ECOS2WA151DA
82
25 x 25
0.64
0.90
1.617
0.566
ECOS2GA820CA
180
30 x 35
0.87
1.22
0.737
0.295
ECOS2WA181DA
100
25 x 30
0.69
0.97
1.326
0.464
ECOS2GA101CA
220
30 x 40
1.00
1.40
0.678
0.271
ECOS2WA221DA
120
25 x 35
0.75
1.05
1.105
0.387
ECOS2GA121CA
270
30 x 45
1.17
1.64
0.614
0.246
ECOS2WA271DA
150
25 x 40
0.82
1.15
0.884
0.309
ECOS2GA151CA
330
30 x 50
1.38
1.93
0.502
0.201
ECOS2WA331DA
180
25 x 45
0.95
1.33
0.737
0.258
ECOS2GA181CA
150
35 x 25
0.79
1.11
0.884
0.354
ECOS2WA151EA
220
25 x 50
1.10
1.54
0.603
0.211
ECOS2GA221CA
220
35 x 30
1.00
1.40
0.678
0.271
ECOS2WA221EA
68
30 x 20
0.35
0.49
2.438
0.853
ECOS2GA680DL
270
35 x 35
1.17
1.64
0.614
0.246
ECOS2WA271EA
120
30 x 25
0.75
1.05
1.105
0.387
ECOS2GA121DA
330
35 x 40
1.38
1.93
0.502
0.201
ECOS2WA331EA
150
30 x 30
0.82
1.15
0.884
0.309
ECOS2GA151DA
390
35 x 50
1.55
2.17
0.425
0.170
ECOS2WA391EA
180
30 x 35
0.95
1.33
0.737
0.258
ECOS2GA181DA
220
30 x 40
1.10
1.54
0.603
0.211
ECOS2GA221DA
270
30 x 45
1.20
1.68
0.491
0.172
ECOS2GA271DA
330
30 x 50
1.35
1.89
0.402
0.161
ECOS2GA331DA
100
35 x 20
0.47
0.66
1.658
0.580
ECOS2GA101EL
180
35 x 25
0.95
1.33
0.737
0.258
ECOS2GA181EA
220
35 x 30
1.10
1.54
0.603
0.211
ECOS2GA221EA
270
35 x 35
1.20
1.68
0.491
0.172
ECOS2GA271EA
330
35 x 40
1.35
1.89
0.402
0.161
ECOS2GA331EA
390
35 x 45
1.55
2.17
0.340
0.136
ECOS2GA391EA
470
35 x 50
1.75
2.45
0.282
0.127
ECOS2GA471EA
400 VDC Working, 450 VDC Surge
450 VDC Working, 500 VDC Surge
250 VDC Working, 300 VDC Surge
385 VDC Working, 435 VDC Surge
Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
Size (mm)
D x L
Size (mm) Max 105°C R.C. (Arms)
20°C ESR (
Ω, max.)
D x L



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com