Electronic Components Datasheet Search
  English  ▼

X  

LM1075BCW Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM1075BCW
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM1075BCW Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM1075BCW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM1075BCW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM1075BCW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM1075BCW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM1075BCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM1075BCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM1075BCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM1075BCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM1075BCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TOPWAY
LCD Module User Manual
LM1075BCW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM1075BCW-Manual-Rev0.1
Page: 7 of 9
4. Function Specifications
4.1
Adjusting the Display Contrast
A Variable-Voltage-Signal must be connected to V0.
Adjusting the voltage will result the change of LCD
display contrast. The value of the voltage is between
0.5 to 4.0V.
4.2
Resetting the LCD module
The LCD module should be initialized by hardware reset, using /RST terminal.
4.3
Display Pixel Map
1,1
(D7)
2,1
(D6)
3,1
(D5)
4,1
(D4)
5,1
(D3)
- - -
- - -
476,1
(D4)
477,1
(D3)
478,1
(D2)
479,1
(D1)
480,1
(D0)
1,2
(D7)
2,2
(D6)
3,2
(D5)
4,2
(D4)
5,2
(D3)
- - -
- - -
476,2
(D4)
477,2
(D3)
478,2
(D2)
479,2
(D1)
480,2
(D0)
1,3
(D7)
2,3
(D6)
3,3
(D5)
4,3
(D4)
5,3
(D3)
- - -
- - -
476,3
(D4)
477,3
(D3)
478,3
(D2)
479,3
(D1)
480,3
(D0)
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
1,126
(D7)
2,126
(D6)
3,126
(D5)
4,126
(D4)
5,126
(D3)
- - -
- - -
476,126
(D4)
477,126
(D3)
478,126
(D2)
479,126
(D1)
480,126
(D0)
1,127
(D7)
2,127
(D6)
3,127
(D5)
4,127
(D4)
5,127
(D3)
- - -
- - -
476,127
(D4)
477,127
(D3)
478,127
(D2)
479,127
(D1)
480,127
(D0)
1,128
(D7)
2,128
(D6)
3,128
(D5)
4,128
(D4)
5,128
(D3)
- - -
- - -
476,128
(D4)
477,128
(D3)
478,128
(D2)
479,128
(D1)
480,128
(D0)
*1.
Based on the top view of the LCD module,
the 1, 1 (x, y) pixel is the upper-left pixel;
the 480, 128 (x, y) pixel is the lower-right pixel.
*2.
For the details of memory mapping please refer to S1D13700 datasheet.
LCD module
VDD
V0
VSS(Pin 20)
VSS



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com