Electronic Components Datasheet Search
  English  ▼

X  

LM1075RCW Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM1075RCW
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM1075RCW Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM1075RCW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM1075RCW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM1075RCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM1075RCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM1075RCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM1075RCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM1075RCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM1075RCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM1075RCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM1075RCW-Manual-Rev0.1
Page: 7 of 12
4. Function Specifications
4.1
Adjusting the Display Contrast
A Variable-Voltage-Resistor must be connected to the
LCD module for providing a reference to V0.
Adjusting the VR will result the change of LCD display
Contrast.
The recommended value of VR is 25k to 50k.
4.2
Resetting the LCD module
The LCD module should be initialized by hardware reset, using /RST terminal.
4.3
Display Pixel Map
1,1
(D7)
2,1
(D6)
3,1
(D5)
4,1
(D4)
5,1
(D3)
- - -
- - -
476,1
(D4)
477,1
(D3)
478,1
(D2)
479,1
(D1)
480,1
(D0)
1,2
(D7)
2,2
(D6)
3,2
(D5)
4,2
(D4)
5,2
(D3)
- - -
- - -
476,2
(D4)
477,2
(D3)
478,2
(D2)
479,2
(D1)
480,2
(D0)
1,3
(D7)
2,3
(D6)
3,3
(D5)
4,3
(D4)
5,3
(D3)
- - -
- - -
476,3
(D4)
477,3
(D3)
478,3
(D2)
479,3
(D1)
480,3
(D0)
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
:
1,126
(D7)
2,126
(D6)
3,126
(D5)
4,126
(D4)
5,126
(D3)
- - -
- - -
476,126
(D4)
477,126
(D3)
478,126
(D2)
479,126
(D1)
480,126
(D0)
1,127
(D7)
2,127
(D6)
3,127
(D5)
4,127
(D4)
5,127
(D3)
- - -
- - -
476,127
(D4)
477,127
(D3)
478,127
(D2)
479,127
(D1)
480,127
(D0)
1,128
(D7)
2,128
(D6)
3,128
(D5)
4,128
(D4)
5,128
(D3)
- - -
- - -
476,128
(D4)
477,128
(D3)
478,128
(D2)
479,128
(D1)
480,128
(D0)
*1.
Based on the top view of the LCD module,
the 1, 1 (x, y) pixel is the upper-left pixel;
the 480, 128 (x, y) pixel is the lower-right pixel.
*2.
For the details of memory mapping please refer to RA8806 datasheet.
4.4
Control Data and Command
The LCD module setting is controlled by the internal Register Values.
The Register Address should be addressed when RS=1 and Register Value should be issued
when RS=0.
A full command sequence should be as follow.
Steps
/RD
/WR
RS
Data (DB0~ DB7)
1st
1
0
1
Register Address
2nd
1
0
0
Register Value



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com