Electronic Components Datasheet Search
  English  ▼

X  

BYV29F Datasheet(PDF) 4 Page - WeEn Semiconductors

Part # BYV29F
Description  Rectifier diodes ultrafast
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

BYV29F Datasheet(HTML) 4 Page - WeEn Semiconductors

  BYV29F Datasheet HTML 1Page - WeEn Semiconductors BYV29F Datasheet HTML 2Page - WeEn Semiconductors BYV29F Datasheet HTML 3Page - WeEn Semiconductors BYV29F Datasheet HTML 4Page - WeEn Semiconductors BYV29F Datasheet HTML 5Page - WeEn Semiconductors BYV29F Datasheet HTML 6Page - WeEn Semiconductors BYV29F Datasheet HTML 7Page - WeEn Semiconductors BYV29F Datasheet HTML 8Page - WeEn Semiconductors BYV29F Datasheet HTML 9Page - WeEn Semiconductors  
Zoom Inzoom in Zoom Outzoom out
 4 / 9 page
background image
WeEn Semiconductors
Product specification
Rectifier diodes
BYV29F, BYV29X series
ultrafast
Fig.1. Definition of t
rr, Qs and Irrm
Fig.2. Definition of V
fr
Fig.3. Maximum forward dissipation P
F = f(IF(AV));
square wave where I
F(AV) =IF(RMS) x √D.
Fig.4. Maximum forward dissipation P
F = f(IF(AV));
sinusoidal current waveform where a = form
factor = I
F(RMS) / IF(AV).
Fig.5. Maximum t
rr at Tj = 25˚C and 100˚C
Fig.6. Maximum I
rrm at Tj = 25˚C and 100˚C.
Q
s
100%
10%
time
dI
dt
F
I
R
I
F
I
rrm
t
rr
024
68
10
0
2
4
6
8
10
12
a = 1.57
1.9
2.2
2.8
4
BYV29
Rs = 0.019 Ohms
Vo = 0.89V
IF(AV) / A
PF / W
Ths(max) / C
150
139
128
117
106
95
84
time
time
V F
V
fr
V F
I
F
1
10
trr / ns
110
100
1000
100
dIF/dt (A/us)
1A
IF=10 A
Tj = 25 C
Tj = 100C
0
5
10
15
0
5
10
15
0.5
0.2
0.1
BYV29
IF(AV) / A
PF / W
D = 1.0
Rs = 0.0190 Ohms
Vo = 0.8900 V
D =
tp
tp
T
T
t
I
Ths(max) / C
150
122.5
95
67.5
10
1
0.1
0.01
Irrm / A
1
10
100
-dIF/dt (A/us)
IF=1A
IF=10A
Tj = 25 C
Tj = 100C
October 2018
3
Rev 1.
500



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com