Electronic Components Datasheet Search
  English  ▼

X  

DB910 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DB910
Description  LED Backlights (100 x 200 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DB910 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DB910 Datasheet HTML 1Page - Banner Engineering Corp. DB910 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Backlights (100 x 200 mm)
† This model is not stocked and is non-returnable.
Printed in USA
05/01
P/N 67431
LED Backlight Models
204.7 mm
(8.06")
Active Area
224.4 mm
(8.83")
103.1 mm (4.06")
Active Area
142.8 mm
(5.62")
26.2 mm
(1.03")
82.6 mm
(3.25")
203.2 mm
(8.00")
1/4-20 (4x)
1.8 m
(6.0')
30.1 mm
(1.19")
10.6 mm
(0.42")
Models
Illumination
Type
Color
Cable
Supply
Voltage
Supply
Current
Connections
LEDRB100X200N
Continuous
diffused light
Red 640 nm
1.8 m (6')
terminated
with 9-pin
D-sub
connector
(male pins)
12V dc ±10%
with voltage
regulation of ±1%
450 mA max.
Pin 4 = +V
Pin 3 = dc common
Power supply model
PSA-12(E) or
PS2V-12(E)
is recommended
(see other side)
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair or replace, free of
charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty period. This warranty does not cover
damage or liability for the improper application of Banner products. This warranty is in lieu of any other warranty either expressed or implied.
Features
• 100 x 200 mm LED arrays for backlight illumination
• Choose models with visible red or infrared light
• Black anodized aluminum housing
Environmental Rating
IEC IP20; NEMA 1
Operating Conditions
Temperature: 0° to 40°C (+32° to 104°F)
Maximum relative humidity: 95% at 40°C (non-condensing)
Useful Life
Infrared: 50,000 hours; Visible red:60,000 hours
LEDIB100X200N†
Infrared 940 nm
350 mA max.


Similar Part No. - DB910

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DB910 BANNER-DB910 Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
DB910 BANNER-DB910 Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
DB910S BANNER-DB910S Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
More results

Similar Description - DB910

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
BR02XXX ETC2-BR02XXX Datasheet
476Kb / 3P
LED Backlights
logo
Weidmuller
0342500000 WEIDMULLER-0342500000 Datasheet
98Kb / 2P
Housings, 100 mm, 160 mm, 200 mm, Aluminium alloy (AlSi12)
logo
List of Unclassifed Man...
FFB1012EHE ETC2-FFB1012EHE Datasheet
399Kb / 1P
100 x 100 x 38 MM SERIES
logo
TDK Electronics
ALD-514012PJ134 TDK-ALD-514012PJ134 Datasheet
636Kb / 4P
DC-DC Converter for LC Panels with LED Backlights
logo
Banner Engineering Corp...
LED BANNER-LED Datasheet
355Kb / 5P
LED Series Sealed Backlights
LEDIB70X70M BANNER-LEDIB70X70M Datasheet
162Kb / 3P
LED..B..M Series Backlights
LEDIB70X70QPMA BANNER-LEDIB70X70QPMA Datasheet
190Kb / 4P
LED..B..QPMA Series Backlights
LEDIB70X70W BANNER-LEDIB70X70W Datasheet
159Kb / 3P
LED..B..W Series Backlights
logo
Lowpower Semiconductor ...
LP3352 POWER-LP3352 Datasheet
398Kb / 10P
6-Channel LED Driver for Backlights
logo
LG Semicon Co.,Ltd.
42LN5200 LG-42LN5200 Datasheet
8Mb / 48P
LG LED TV applies LCD screen with LED backlights.
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com