Electronic Components Datasheet Search
  English  ▼

X  

DB910 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DB910
Description  LED Diffused On-Axis Lights (25 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DB910 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DB910 Datasheet HTML 1Page - Banner Engineering Corp. DB910 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Diffused On-Axis Lights (25 mm)
†
These models are not stocked and are non-returnable.
Printed in USA
05/01
P/N 67437
LED Diffused On-Axis Light Models
84.2 mm
(3.31")
25 mm (0.98")
Light Aperture
0.5 m
(18")
18.7 mm
(0.74")
15.9 mm
(0.63")
31.8 mm
(1.25")
25 mm
(0.98")
Light Aperture
M6 x 1.0
6.4 mm (0.25") Deep (2x)
12.7 mm
(0.50")
9.5 mm
(0.37")
12.7 mm
(0.50")
27.0 mm
(1.06")
Models
Illumination
Type
Color
Cable
Supply
Voltage
Supply
Current
Connections
LEDWO25N†
Continuous
diffused light
White 6500 K
0.5 m (18")
terminated
with 9-pin
D-sub
connector
(male pins)
12V dc ±10%
with voltage
regulation of ±1%
100 mA max.
12V dc models:
Pin 3 = dc common
Pin 4 = +V
Power supply model
PSA-12(E) or
PS2V-12(E)
is recommended
(see other side)
WARRANTY: Banner Engineering Corp. warrants its products to be free from defects for one year. Banner Engineering Corp. will repair or replace, free of
charge, any product of its manufacture found to be defective at the time it is returned to the factory during the warranty period. This warranty does not cover
damage or liability for the improper application of Banner products. This warranty is in lieu of any other warranty either expressed or implied.
Features
• Diffused on-axis illumination provides uniform lighting for specular surfaces
• 25 mm x 25 mm light aperture
• The suggested field of view is 12.5 mm x 12.5 mm and the suggested standoff is 12.5 mm
• Choose white, blue, or red LED models
• Black anodized aluminum housing
Environmental Rating
IEC IP20; NEMA 1
Operating Conditions
Temperature: 0° to 40°C (+32° to 104°F)
Maximum relative humidity: 95% at 40°C (non-condensing)
Useful Life
60,000 hours
LEDRO25N†
LEDBO25N†
Red 640 nm
Blue 460 nm
100 mA max.
TBD


Similar Part No. - DB910

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DB910 BANNER-DB910 Datasheet
45Kb / 2P
LED Backlights (100 x 200 mm)
DB910 BANNER-DB910 Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
DB910S BANNER-DB910S Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
More results

Similar Description - DB910

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LRZ18X SIEMENS-LRZ18X Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
List of Unclassifed Man...
LEDRC150N ETC1-LEDRC150N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (150 mm)
LEDRS25N ETC1-LEDRS25N Datasheet
41Kb / 2P
LED Highly-Diffused Light (25 mm)
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
LEDRC200N ETC1-LEDRC200N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (200 mm)
logo
Banner Engineering Corp...
LEDRO50M BANNER-LEDRO50M Datasheet
391Kb / 3P
LED..O..M Series Diffused On-Axis Lights
LEDWO75N BANNER-LEDWO75N Datasheet
126Kb / 2P
LED Diffused On-Axis Lights (75 mm)
logo
Shanghai Cyanlite Techn...
PF30W312F CYANLITE-PF30W312F Datasheet
1Mb / 7P
LED Frame Lights for Lay-On Ceilings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com