Electronic Components Datasheet Search
  English  ▼

X  

0852012 Datasheet(PDF) 11 Page - PHOENIX CONTACT

Part # 0852012
Description  Feed-through terminal block - VBST 4-FS(6-2,8-0,8)
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

0852012 Datasheet(HTML) 11 Page - PHOENIX CONTACT

Back Button 0852012 Datasheet HTML 4Page - PHOENIX CONTACT 0852012 Datasheet HTML 5Page - PHOENIX CONTACT 0852012 Datasheet HTML 6Page - PHOENIX CONTACT 0852012 Datasheet HTML 7Page - PHOENIX CONTACT 0852012 Datasheet HTML 8Page - PHOENIX CONTACT 0852012 Datasheet HTML 9Page - PHOENIX CONTACT 0852012 Datasheet HTML 10Page - PHOENIX CONTACT 0852012 Datasheet HTML 11Page - PHOENIX CONTACT 0852012 Datasheet HTML 12Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
https://www.phoenixcontact.com/us/products/0852012
18.11.2013   Page 11 / 12
Feed-through terminal block - VBST 4-FS(6-2,8-0,8) - 0852012
Accessories
Zack marker strip - ZB 6:UNBEDRUCKT - 1051003
Zack marker strip, Strip, white, Unlabeled, Can be labeled with: Plotter, Mounting type: Snap into tall marker groove, For
terminal block width: 6.2 mm, Lettering field: 6.15 x 10.5 mm
 
 
Marker for terminal blocks - UC-TM 6 - 0818085
Marker for terminal blocks, Sheet, white, Unlabeled, Can be labeled with: BLUEMARK CLED, BLUEMARK LED, Plotter,
Mounting type: Snap into tall marker groove, For terminal block width: 6.2 mm, Lettering field: 5.6 x 10.5 mm
 
 
Marker for terminal blocks - UCT-TM 6 - 0828736
Marker for terminal blocks, Sheet, white, Unlabeled, Can be labeled with: THERMOMARK CARD PLUS, THERMOMARK
CARD, BLUEMARK CLED, BLUEMARK LED, Mounting type: Snap into tall marker groove, For terminal block width: 6.2
mm, Lettering field: 5.6 x 10.5 mm
 
 
Drawings



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com