Electronic Components Datasheet Search
  English  ▼

X  

DB910 Datasheet(PDF) 1 Page - Banner Engineering Corp.

Part # DB910
Description  LED Diffused On-Axis Lights (75 mm)
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

DB910 Datasheet(HTML) 1 Page - Banner Engineering Corp.

  DB910 Datasheet HTML 1Page - Banner Engineering Corp. DB910 Datasheet HTML 2Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
LED Diffused On-Axis Lights (75 mm)
Printed in USA
02/04
P/N 67439 rev. A
† These models are not stocked and are non-returnable.
Models
��������
�������������������������
�������
�������
��������
�������
�������
�������
�������
�������
�������
�������
�������
�������
�������
�������
�������
�������
�������
�������
�������
�������
���
�����
�����
�������
��������������
�����
�������
��������������
Features
• Diffused on-axis illumination provides uniform lighting for specular surfaces
• 75 mm x 75 mm light aperture
• The suggested field of view is 38 mm x 38 mm and the suggested standoff is 25 mm
• Choose white, blue, or red LED models
• Black anodized aluminum housing
Models
Illumination
Type
Color
Cable
Supply
Voltage
Supply
Current
Connections
LEDWO75N†
Continuous
diffused light
White 6500 K
0.5 m (18")
terminated
with 9-pin
D-sub connector
(male pins)
12V dc ±10%
with voltage
regulation of ±1%
1.05 A max.
12V dc models:
Pin 1 = +V fan
Pin 2 = dc common fan
Pin 3 = dc common
Pin 4 = +V
Power supply model
PSA-12(E) or
PS2V-12(E)
is recommended
(see other side)
LEDBO75N†
Blue 470 nm
LEDRO75N†
Visible Red
640 nm
LEDRO75N-H†
Continuous
diffused light,
high output
Red 660 nm
1.0 mA max.
LEDWO75N-S†
Strobed
diffused light
White 6500 K
1.8 m (6')
terminated
with 9-pin
D-sub connector
(male pins)
24V dc ±10%
with voltage
regulation of ±1%
9.6 A max.
Pin 4 = +V
Pin 1 = dc common
Use strobe control
module model SCM
(see other side)
LEDRO75N-S†
Red 640 nm
6.0 A max.
Useful Life
White and blue models: 50,000 hours; Red models: 60,000 hours.
Note: actual useful life of strobed lights depends on duty cycle
Environmental Rating
IEC IP20; NEMA 1
Operating Conditions
Temperature: 0° to +40°C (+32° to 104°F) Maximum relative humidity: 95% at 40°C (non-condensing)


Similar Part No. - DB910

ManufacturerPart #DatasheetDescription
logo
Banner Engineering Corp...
DB910 BANNER-DB910 Datasheet
45Kb / 2P
LED Backlights (100 x 200 mm)
DB910 BANNER-DB910 Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
More results

Similar Description - DB910

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
LR3360 SIEMENS-LR3360 Datasheet
229Kb / 8P
3 mm (T1) LED, Diffused
LRZ18X SIEMENS-LRZ18X Datasheet
401Kb / 7P
Array LED 2 mm LED, Diffused
LSU260 SIEMENS-LSU260 Datasheet
376Kb / 7P
Mini LED 1 mm LED, Diffused
logo
List of Unclassifed Man...
LEDRC150N ETC1-LEDRC150N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (150 mm)
LEDRS75N ETC1-LEDRS75N Datasheet
45Kb / 2P
LED Highly-Diffused Lights (75 mm)
LEDRC200N ETC1-LEDRC200N Datasheet
39Kb / 2P
LED Dome and On-Axis Multi-Light (200 mm)
logo
Altech corporation
2PLLXL ALTECH-2PLLXL Datasheet
492Kb / 1P
Lenses for 22 mm Pilot Lights with LED
logo
Banner Engineering Corp...
LEDRO50M BANNER-LEDRO50M Datasheet
391Kb / 3P
LED..O..M Series Diffused On-Axis Lights
LEDWO25N BANNER-LEDWO25N Datasheet
46Kb / 2P
LED Diffused On-Axis Lights (25 mm)
logo
Shanghai Cyanlite Techn...
PF30W312F CYANLITE-PF30W312F Datasheet
1Mb / 7P
LED Frame Lights for Lay-On Ceilings
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com