Electronic Components Datasheet Search
  English  ▼

X  

F16749 Datasheet(PDF) 1 Page - Ledil, Inc.

Part # F16749
Description  ~65째 100째 beam
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LEDIL [Ledil, Inc.]
Direct Link  http://www.ledil.com/
Logo LEDIL - Ledil, Inc.

F16749 Datasheet(HTML) 1 Page - Ledil, Inc.

  F16749 Datasheet HTML 1Page - Ledil, Inc. F16749 Datasheet HTML 2Page - Ledil, Inc. F16749 Datasheet HTML 3Page - Ledil, Inc. F16749 Datasheet HTML 4Page - Ledil, Inc. F16749 Datasheet HTML 5Page - Ledil, Inc. F16749 Datasheet HTML 6Page - Ledil, Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PRODUCT
DATASHEET
F16749_LINDA-WW
LINDA-WW
~65° + 100° beam
TECHNICAL SPECIFICATIONS:
Dimensions
25.7 x 1140.0 mm
Height
5.3 mm
Fastening
Colour
Box size
1180 x 145 x 125 mm
Box weight
12.6 kg
Quantity in Box
150 pcs
ROHS compliant
yes
MATERIAL SPECIFICATIONS:
Component
Type
Material
Colour
LINDA-WW
Linear lens
PMMA
Last update: 26/06/2019
Subject to change without prior notice
Published: 18/03/2019
LEDiL is a registered trademark of LEDiL Oy in the European Union, USA, and certain other countries.
1/6


Similar Part No. - F16749

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
F16747 LEDIL-F16747 Datasheet
6Mb / 6P
~110째 100째 wide beam
F16748 LEDIL-F16748 Datasheet
5Mb / 6P
~40째 100째 oval beam
More results

Similar Description - F16749

ManufacturerPart #DatasheetDescription
logo
Ledil, Inc.
CP13069 LEDIL-CP13069 Datasheet
2Mb / 5P
~65째 65째 rectangular beam
CP12637 LEDIL-CP12637 Datasheet
3Mb / 5P
~65째 wide beam
C16735 LEDIL-C16735 Datasheet
2Mb / 4P
~65째 wide beam
F16747 LEDIL-F16747 Datasheet
6Mb / 6P
~110째 100째 wide beam
F16748 LEDIL-F16748 Datasheet
5Mb / 6P
~40째 100째 oval beam
F17194 LEDIL-F17194 Datasheet
1Mb / 4P
~90째 100째 wide beam
CA13058 LEDIL-CA13058 Datasheet
6Mb / 9P
~100째 x 20째 oval beam
DAISY-MINI-WW LEDIL-DAISY-MINI-WW Datasheet
2Mb / 6P
~65째 wide beam
CA13633 LEDIL-CA13633 Datasheet
18Mb / 10P
~65째 wide beam.
C12359 LEDIL-C12359 Datasheet
1Mb / 5P
~65째 wide beam
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com