Electronic Components Datasheet Search
  English  ▼

X  

DSA1001 Datasheet(PDF) 19 Page - Microchip Technology

Part # DSA1001
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1001 Datasheet(HTML) 19 Page - Microchip Technology

Back Button DSA1001 Datasheet HTML 14Page - Microchip Technology DSA1001 Datasheet HTML 15Page - Microchip Technology DSA1001 Datasheet HTML 16Page - Microchip Technology DSA1001 Datasheet HTML 17Page - Microchip Technology DSA1001 Datasheet HTML 18Page - Microchip Technology DSA1001 Datasheet HTML 19Page - Microchip Technology DSA1001 Datasheet HTML 20Page - Microchip Technology DSA1001 Datasheet HTML 21Page - Microchip Technology DSA1001 Datasheet HTML 22Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 19 / 22 page
background image
 2017 Microchip Technology Inc.
DS20005889A-page 19
DSA1001/3/4
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
Examples:
a)
DSA1003BL3-030.0000
:
1.8V - 3.3V Low-Power Pre-
cision CMOS Oscillator, 4-
Lead 5.0 mm x 3.2 mm
CDFN, Automotive Grade 2
Temperature Range,
±20 ppm,
30 MHz Output
Frequency, 72/Tube
b)
DSA1004DI1-075.0000T
:
1.8V - 3.3V Low-Power Pre-
cision CMOS Oscillator, 4-
Lead 2.5 mm x 2.0 mm
CDFN, Automotive Grade 3
Temperature Range,
±50 ppm,
75 MHz
Output Frequency, 1,000/
Reel
PART NO.
X
X
Packing
Stability
Device
Device:
DSA1001/3/4: 1.8V - 3.3V Low-Power Precision CMOS
Oscillator for Automotive
Package:
B
=
4-Lead 5.0 mm x 3.2 mm CDFN
C
=
4-Lead 3.2 mm x 2.5 mm CDFN
D
=
4-Lead 2.5 mm x 2.0 mm CDFN
Temperature
Range:
I
=
–40
C to +85C (Automotive Grade 3)
L
=
–40
C to +105C (Automotive Grade 2)
Stability:
1=
±50 ppm
2=
±25 ppm
3=
±20 ppm
Frequency:
xxx.xxxx
= 1 MHz to 150 MHz (user-defined)
Packing Option:
<blank> =
110/Tube
T
=
1,000/Reel
X
Package
X
Temperature
Range
-XXX.XXXX
Frequency
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
Please use the Microchip Clockworks to check AEC-Q100 compliance status and
build the exact part number.
Option



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com