Electronic Components Datasheet Search
  English  ▼

X  

DSA1003 Datasheet(PDF) 1 Page - Microchip Technology

Part # DSA1003
Description  1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive
PDF  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSA1003 Datasheet(HTML) 1 Page - Microchip Technology

  DSA1003 Datasheet HTML 1Page - Microchip Technology DSA1003 Datasheet HTML 2Page - Microchip Technology DSA1003 Datasheet HTML 3Page - Microchip Technology DSA1003 Datasheet HTML 4Page - Microchip Technology DSA1003 Datasheet HTML 5Page - Microchip Technology DSA1003 Datasheet HTML 6Page - Microchip Technology DSA1003 Datasheet HTML 7Page - Microchip Technology DSA1003 Datasheet HTML 8Page - Microchip Technology DSA1003 Datasheet HTML 9Page - Microchip Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 22 page
background image
 2017 Microchip Technology Inc.
DS20005889A-page 1
DSA1001/3/4
Features
• Automotive AEC-Q100 Qualified
• Frequency Range: 1 MHz to 150 MHz
• Exceptional Stability over Temperature
- ±20 ppm, ±25 ppm, ±50 ppm
• Operating Voltage
- 1.7 to 3.6V
• Operating Temperature Range
- Automotive Grade 2: –40°C to 105°C
- Automotive Grade 3: –40°C to 85°C
• Low Operating and Standby Current
-6 mA Operating (1 MHz)
-15 µA Standby (Max.)
• Ultra Miniature Footprint
-2.5 mm x 2.0 mm x 0.85 mm
-3.2 mm x 2.5 mm x 0.85 mm
-5.0 mm x 3.2 mm x 0.85 mm
• MIL-STD 883 Shock and Vibration Resistant
• Pb Free, RoHS, Reach SVHC Compliant
Applications
• Automotive Infotainment
• Automotive ADAS
• Automotive Camera Module
Benefits
• Replace High Temperature Crystals and Quartz
Oscillators
• Pin for Pin “Drop-In” Replacement for Industry
Standard Oscillators
• Semiconductor Level Reliability, Significantly
Higher than Quartz
• Longer Battery Life/Reduced Power Consumption
• Compact Plastic Package
• Cost Effective
General Description
The DSA1001/3/4 is a silicon MEMS based CMOS
family of oscillators that offers excellent jitter and
stability performance over a wide range of supply
voltages and temperatures. The device operates from
1 MHz to 150 MHz with supply voltages between 1.8 to
3.3 volts and temperature ranges up to –40°C to
105°C.
The DSA1001/3/4 incorporate an all silicon resonator
that is extremely robust and nearly immune to stress
related fractures, common to crystal based oscillators.
Without sacrificing the performance and stability
required of today’s systems, a crystal-less design
allows for a higher level of reliability, making the
DSA1001/3/4 ideal for rugged, industrial, and portable
applications where stress, shock, and vibration can
damage quartz crystal based systems.
Available
in
industry
standard
packages,
the
DSA1001/3/4 can be “dropped-in” to the same PCB
footprint as standard crystal oscillators.
The DSA1003 and DSA1004 have the same
functionality and performance as the DSA1001, but
feature higher output drives of 25 pF and 40 pF,
respectively.
Package Types
DSA1001/3/4
CDFN/DFN
(Top View)
1
2
3
4
GND
OUT
VDD
STANDBY#
1.8V-3.3V Low-Power Precision CMOS Oscillators for Automotive


Similar Part No. - DSA1003

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
DSA10 SANYO-DSA10 Datasheet
40Kb / 2P
1.0A Power Rectifier
logo
IXYS Corporation
DSA10C150PB IXYS-DSA10C150PB Datasheet
99Kb / 4P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
logo
Inchange Semiconductor ...
DSA10C150PB ISC-DSA10C150PB Datasheet
349Kb / 2P
Schottky Rectifier Diode
logo
IXYS Corporation
DSA10C150UC IXYS-DSA10C150UC Datasheet
150Kb / 5P
High Performance Schottky Diode Low Loss and Soft Recovery Common Cathode
logo
Inchange Semiconductor ...
DSA10C150UC ISC-DSA10C150UC Datasheet
255Kb / 2P
Schotty Rectifier Diode
More results

Similar Description - DSA1003

ManufacturerPart #DatasheetDescription
logo
Kyocera Kinseki Corpota...
KC2016B-C1 KSS-KC2016B-C1 Datasheet
111Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.0횞1.6mm
KC2520A-C1 KSS-KC2520A-C1 Datasheet
56Kb / 1P
CMOS/ 1.8V/ 2.5V/ 3.3V/ 2.5횞2.0mm
KC2520M KSS-KC2520M Datasheet
132Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V Compatible/ 2.5횞2.0mm
KC5032A-C1 KSS-KC5032A-C1 Datasheet
451Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V/ 5.0횞3.2mm
KC5032A-CM KSS-KC5032A-CM Datasheet
149Kb / 1P
CMOS/ 1.8V, 2.5V, 3.3V, 5.0V/ 5.0횞3.2mm
logo
EUROQUARTZ limited
EMEM1001 EUROQUARTZ-EMEM1001 Datasheet
580Kb / 5P
Low Power Precision CMOS
EMEM8004 EUROQUARTZ-EMEM8004 Datasheet
273Kb / 5P
Programmable Low Power Precision CMOS
logo
Micrel Semiconductor
DSC1004 MICREL-DSC1004 Datasheet
757Kb / 7P
Low-Power Precision CMOS Oscillator
logo
Microchip Technology
DSA1101 MICROCHIP-DSA1101 Datasheet
513Kb / 24P
Low-Jitter Precision CMOS Oscillator for Automotive
10/25/17
DSC1001 MICROCHIP-DSC1001 Datasheet
597Kb / 24P
1.8V-3.3V Low-Power Precision CMOS Oscillators
10/25/17
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com