Electronic Components Datasheet Search
  English  ▼

X  

C0G Datasheet(PDF) 1 Page - AVX Corporation

Part # C0G
Description  C0G (NP0) Dielectric
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVX [AVX Corporation]
Direct Link  http://www.avx.com
Logo AVX - AVX Corporation

C0G Datasheet(HTML) 1 Page - AVX Corporation

  C0G Datasheet HTML 1Page - AVX Corporation C0G Datasheet HTML 2Page - AVX Corporation C0G Datasheet HTML 3Page - AVX Corporation C0G Datasheet HTML 4Page - AVX Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
3
C0G (NP0) Dielectric
090519
General Specifications
C0G (NP0) is the most popular formulation of the “temperature-compensating,” EIA Class I ceramic
materials. Modern C0G (NP0) formulations contain neodymium, samarium and other rare earth oxides.
C0G (NP0) ceramics offer one of the most stable capacitor dielectrics available. Capacitance change
with temperature is 0 ±30ppm/°C which is less than ±0.3% C from -55°C to +125°C. Capacitance drift or
hysteresis for C0G (NP0) ceramics is negligible at less than ±0.05% versus up to ±2% for films. Typical
capacitance change with life is less than ±0.1% for C0G (NP0), one-fifth that shown by most other
dielectrics. C0G (NP0) formulations show no aging characteristics.
PART NUMBER (see page 4 for complete part number explanation)
0805
5
A
J
A
2
A
T
101
Size
(L” x W”)
Dielectric
C0G (NP0) = A
Capacitance
Tolerance
B = ±.10 pF (<10pF)
C = ±.25 pF (<10pF)
D = ±.50 pF (<10pF)
F = ±1% (≥ 10 pF)
G = ±2% (≥ 10 pF)
J = ±5%
K = ±10%
Failure
Rate
A = Not
Applicable
Packaging
2 = 7” Reel
4 = 13” Reel
U = 4mm TR
(01005)
Special
Code
A = Std.
Product
Terminations
T = Plated Ni
and Sn
Capacitance
Code (In pF)
2 Sig. Digits +
Number of Zeros
Voltage
6.3V = 6
10V = Z
16V = Y
25V = 3
50V = 5
100V = 1
200V = 2
500V = 7
Contact
Factory For
1 = Pd/Ag Term
7 = Gold Plated
NOT RoHS
COMPLIANT
Contact Factory
For Multiples
NOTE: Contact factory for availability of Termination and Tolerance Options for Specific Part
Numbers. Contact factory for non-specified capacitance values.


Similar Part No. - C0G

ManufacturerPart #DatasheetDescription
logo
EPCOS
C0G EPCOS-C0G Datasheet
235Kb / 21P
Multilayer Ceramic Capacitors
logo
Murata Manufacturing Co...
C0G MURATA-C0G Datasheet
4Mb / 237P
Explanation of Symbols in This Catalog Lx W dimension: products of 0.6 x 0.3 mm or less
logo
Multicomp Pro
C0G MULTICOMP-C0G Datasheet
204Kb / 3P
Radial Leaded, Multilayer Ceramic Capacitors
13/04/20 V1.0
logo
Kyocera Kinseki Corpota...
C0GNP0-KGM KSS-C0GNP0-KGM Datasheet
781Kb / 4P
C0G (NP0) Dielectric, KGM Series
More results

Similar Description - C0G

ManufacturerPart #DatasheetDescription
logo
AVX Corporation
06031A0R7CAT2A AVX-06031A0R7CAT2A Datasheet
107Kb / 4P
C0G (NP0) Dielectric
06031A1R0DAT2A AVX-06031A1R0DAT2A Datasheet
107Kb / 4P
C0G (NP0) Dielectric
06031A1R5CAT2A AVX-06031A1R5CAT2A Datasheet
107Kb / 4P
C0G (NP0) Dielectric
06031A1R8CAT4A AVX-06031A1R8CAT4A Datasheet
107Kb / 4P
C0G (NP0) Dielectric
06031A2R2CAT2A AVX-06031A2R2CAT2A Datasheet
107Kb / 4P
C0G (NP0) Dielectric
06031A2R2DAQ2A AVX-06031A2R2DAQ2A Datasheet
107Kb / 4P
C0G (NP0) Dielectric
06031A2R4BAT2A AVX-06031A2R4BAT2A Datasheet
107Kb / 4P
C0G (NP0) Dielectric
04023A3R3CAT2A AVX-04023A3R3CAT2A Datasheet
134Kb / 4P
C0G (NP0) Dielectric
04025A1R0CAT2A AVX-04025A1R0CAT2A Datasheet
134Kb / 4P
C0G (NP0) Dielectric
12065A102JAT4A AVX-12065A102JAT4A Datasheet
134Kb / 4P
C0G (NP0) Dielectric
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com