Electronic Components Datasheet Search
  English  ▼

X  

FC9920 Datasheet(PDF) 6 Page - First Silicon Co., Ltd

Part # FC9920
Description  3-Pin Switch-Mode LED Lamp Driver
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9920 Datasheet(HTML) 6 Page - First Silicon Co., Ltd

  FC9920 Datasheet HTML 1Page - First Silicon Co., Ltd FC9920 Datasheet HTML 2Page - First Silicon Co., Ltd FC9920 Datasheet HTML 3Page - First Silicon Co., Ltd FC9920 Datasheet HTML 4Page - First Silicon Co., Ltd FC9920 Datasheet HTML 5Page - First Silicon Co., Ltd FC9920 Datasheet HTML 6Page - First Silicon Co., Ltd FC9920 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
FC9920
2012. 10. 31
6/7
Revision No : 0
Functional Block Diagram
Efficiency (%)
Input AC Line Voltage (VAC)
75 100
82
80
78
76
74
72
70
68
66
64
150
200
250
62
74
Figure 3. Typical Efficiency
Figure 4. Switch-On-Off Transition.
Ch1: VDRAIN, Ch3: IDRAIN
LEAD EDGE SPIKE
SWITCH OFF
Ch1
Ch3
M
100V
25mA
2.00µs
A
Ch1
106V
1
3
ZERO VOLTAGE
TRANSITION
3
1
Ch1
Ch3
M
100V
25mA
100ns
A
Ch1
106V
Figure 6. Switch-Off Transition. Ch1: VDRAIN,
Ch3: IDRAIN
Figure 5. Lead Edge Spike Ch1: VDRAIN,
Ch3: IDRAIN
Ch1
Ch3
M
100V
25mA
20 0ns
A
Ch1
106V
TSPIKE
trr
3
1
R
GND
DRAIN
VDD
S NQ
R
Q
REF
FC9920
Regulator
7.8V
Leading
Edge
Blanking
TBLANK = 300ns
-
+
TOFF = 10.5µs



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com