Electronic Components Datasheet Search
  English  ▼

X  

FC9922 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC9922
Description  3-Pin Switch-Mode LED Lamp Driver IC
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9922 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

  FC9922 Datasheet HTML 1Page - First Silicon Co., Ltd FC9922 Datasheet HTML 2Page - First Silicon Co., Ltd FC9922 Datasheet HTML 3Page - First Silicon Co., Ltd FC9922 Datasheet HTML 4Page - First Silicon Co., Ltd FC9922 Datasheet HTML 5Page - First Silicon Co., Ltd FC9922 Datasheet HTML 6Page - First Silicon Co., Ltd FC9922 Datasheet HTML 7Page - First Silicon Co., Ltd FC9922 Datasheet HTML 8Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 8 page
background image
FC9922
2012. 10. 31
8/8
Revision No : 0
See
Figure 7 for a recommended circuit board layout for the
FC9922.
Single Point Grounding
capacitor to the area of copper connected to the GND pin.
Bypass Capacitor (C
DD)
The VDD pin bypass capacitor C
DD should be located as
near as possible to the VDD and GND pins.
Switching Loop Areas
capacitor C
IN, the diode D1 and the FC9922 together should
be kept as small as possible.
C
O, the inductor L1 and the diode D1 together should be kept
as small as possible.
Thermal Considerations vs. Radiated EMI
The copper area where GND pin is connected acts not only
as a single point ground, but also as a heat sink. This area
should be maximized for good heat sinking, especially when
FC9922, (SOT-89 package), is used. The same applies
to the cathode of the free-wheeling diode D1. Both nodes
are quiet and therefore, will not cause radiated RF emission.
The switching node copper area connected to the DRAIN pin
of the FC9922, the anode of D1 and the inductor L1 needs to
be minimized. A large switching node area can increase high
frequency radiated EMI.
Input Filter Layout Considerations
The inp
direct proximity to the inductor L1 in order to avoid magnetic
important when unshielded construction of L1 is used. When
IN is selected, it must be
positioned orthogonal with respect to L1. The loop area
formed by C
N2, L N and CIN should be minimized. The input
lead wires must be twisted together.
FC9922 Layout Considerations
Pin # Function Description
1
DRAIN
Drain terminal of the output switching MOSFET and a linear regulator input.
2
GND
Common connection for all circuits.
3
VDD
Power supply pin for internal control circuits. Bypass this pin with a 0.1uF low impedance capacitor.
Pin Description
Figure 7. Recommended circuit board layout with the FC9922
D2-5
L
IN
C
O
L1
U1
VRD1
C
IN
C
N2
D1
C
DD
F1
AC Line
85-264VAC
LED +
LED -
COMPONENT SIDE VIEW



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com