Electronic Components Datasheet Search
  English  ▼

X  

FC9961 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FC9961
Description  LED Driver with Average-Mode Constant Current Control
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC9961 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FC9961 Datasheet HTML 1Page - First Silicon Co., Ltd FC9961 Datasheet HTML 2Page - First Silicon Co., Ltd FC9961 Datasheet HTML 3Page - First Silicon Co., Ltd FC9961 Datasheet HTML 4Page - First Silicon Co., Ltd FC9961 Datasheet HTML 5Page - First Silicon Co., Ltd FC9961 Datasheet HTML 6Page - First Silicon Co., Ltd FC9961 Datasheet HTML 7Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FC9961
2015. 03. 23
1/7
Revision No : 1
Features
Fast average current control
Programmable constant off-time switching
Linear dimming input
PWM dimming input
Output short circuit protection with skip mode
Ambient operating temperature -40OC to +125OC
Pin-compatible with the FC9910B
Applications
DC/DC or AC/DC LED driver applications
LED backlight driver for LCD displays
General purpose constant current source
LED signage and displays
Architectural and decorative LED lighting
LED street lighting
►
►
►
►
►
►
►
►
►
►
►
►
►
General Description
The FC9961 is an average current mode control LED driver
IC operating in a constant off-time mode. Unlike FC9910B,
this control IC does not produce a peak-to-average error, and
therefore greatly improves accuracy, line and load regulation
of the LED current without any need for loop compensation or
high-side current sensing. The output LED current accuracy
is ±3%.
The IC is equipped with a current limit comparator for hiccup-
mode output short circuit protection.
The FC9961 can be powered from an 8.0 - 450V supply.
A PWM dimming input is provided that accepts an external
control TTL compatible signal. The output current can be
programmed by an internal 250mV reference, or controlled
externally through a 0 - 1.5V dimming input.
FC9961 is pin-to-pin compatible with FC9910B and it can
be used as a drop-in replacement for many applications to
improve the LED current accuracy and regulation.
Typical Application Circuit
LED Driver with Average-Mode Constant Current Control
1
4
2
8
5
6
7
3
VIN
GATE
PWMD
LD
VDD
RT
CS
GND
LED
Load
Sets
LED
Current
8.0 - 450VDC
R
CS
R
T


Similar Part No. - FC9961

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
LED Driver with Average-Mode Constant Current Control
More results

Similar Description - FC9961

ManufacturerPart #DatasheetDescription
logo
Supertex, Inc
HV9861A SUTEX-HV9861A Datasheet
865Kb / 9P
LED Driver with Average-Mode, Constant Current Control
HV9961LG-G SUTEX-HV9961LG-G Datasheet
1Mb / 9P
LED Driver with Average-Mode Constant Current Control
HV9961NG-G SUTEX-HV9961NG-G Datasheet
1Mb / 9P
LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9861A MICROCHIP-HV9861A Datasheet
851Kb / 15P
LED Driver with Average-Mode Constant Current Control
03/25/14
logo
Feeling Technology Corp...
FP7175 FEELING-FP7175 Datasheet
404Kb / 14P
LED Driver with Average-Mode Constant Current Control
FP7176 FEELING-FP7176 Datasheet
443Kb / 14P
LED Driver with Average-Mode Constant Current Control
FP7179 FEELING-FP7179 Datasheet
426Kb / 14P
LED Driver with Average-Mode Constant Current Control
FP7189 FEELING-FP7189 Datasheet
410Kb / 13P
LED Driver with Average-Mode Constant Current Control
logo
First Silicon Co., Ltd
FC9961C FS-FC9961C Datasheet
334Kb / 7P
LED Driver with Average-Mode Constant Current Control
logo
Microchip Technology
HV9961 MICROCHIP-HV9961 Datasheet
732Kb / 20P
LED Driver with Average-Current Mode Constant-Current Control
09/14/21
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com