Electronic Components Datasheet Search
  English  ▼

X  

FDR54A Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # FDR54A
Description  Dual Serles Schottky Barrler Dlodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54A Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  FDR54A Datasheet HTML 1Page - First Silicon Co., Ltd FDR54A Datasheet HTML 2Page - First Silicon Co., Ltd FDR54A Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Notes: 1. A 2.0 kΩ variable resistor adjusted for a Forward Current (IF) of 10 mA.
2. Input pulse is adjusted so IR(peak) is equal to 10 mA.
3. tp » trr
+10 V
2 k
820 Ω
0.1 µF
DUT
VR
100 µH
0.1 µF
50 Ω OUTPUT
PULSE
GENERATOR
50 Ω NPUT
SAMPLING
OSCILLOSCOPE
tr
tp
t
10%
90%
IF
IR
trr
t
iR(REC) = 1 mA
OUTPUT PULSE
(IF = IR = 10 mA; measured
at iR(REC) = 1 mA)
IF
INPUT SIGNAL
Figure 1. Recovery Time Equivalent Test Circuit
100
0.0
0.1
VF, FORWARD VOLTAGE (VOLTS)
0 2
0.3
0.4
0 5
10
1 0
0.1
85°C
10
0
VR, REVERSE VOLTAGE (VOLTS)
1.0
0.1
0 01
0.001
5
10
15
20
25
14
0
VR, REVERSE VOLTAGE (VOLTS)
12
4
2
0
0
3
5
1
0
1
5
t
n
e
r
r
u
C
e
g
a
k
a
e
L
.
3
e
r
u
g
i
F
e
g
a
tl
o
V
d
r
a
w
r
o
F
.
2
e
r
u
g
i
F
Figure 4. Total Capacitance
–40°C
25°C
TA = 150°C
TA = 125°C
TA = 85°C
TA = 25°C
0.6
–55°C
150°C
125°C
100
1000
30
25
20
6
8
10
2009. 05. 28
2/3
Revision No : 0
FDR54A



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com