Electronic Components Datasheet Search
  English  ▼

X  

FDR54E Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR54E
Description  SCHOTTKYBARRIERDIODE
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54E Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR54E Datasheet HTML 1Page - First Silicon Co., Ltd FDR54E Datasheet HTML 2Page - First Silicon Co., Ltd FDR54E Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SCHOTTKY BARRIER DIODE
1
2
Cathode
Anode
SEMICONDUCTOR
TECHNICAL DATA
FDR54E
2013. 6. 26
1/3
Revision No : 0
SOD- 523
2
1
These Schottky barrier diodes are designed for high speed switching
applications, circuit protection, and voltage clamping. Extremely low forward volt-
age reduces conduction loss. Miniature surface mount package is excellent for
hand held and portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ IF= 10 mAdc
• Device Marking: JV
ORDERING INFORMATION
We declare that the material of product
compliance with RoHS requirements.
FDR54E
JV
3000/Tape & Reel
Device
Marking
Shipping
MAXIMUM RATINGS (TJ=125°C unless otherwise noted )
t
i
n
U
e
u
l
a
V
l
o
b
m
y
S
g
n
i
t
a
R
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
30
V
THERMALCHARACTERISTICS
t
i
n
U
x
a
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Total Device Dissipation FR-5 Board,*
PD
200
mW
TA = 25°C
C
°
/
W
m
7
5
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
Thermal Resistance Junction to Ambient
RθJA
635
°C/W
Junction Temperature
TJ
stg
125
°C
* FR-4 Minimum Pad
ELECTRICAL CHARACTERISTICS (TA= 25°C unless otherwise noted)
t
i
n
U
x
a
M
p
y
T
n
i
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Reverse Breakdown Voltage (I R = 10
µA)
V(BR)R
30
—
—
Volts
Total Capacitance (V R = 1.0 V, f = 1.0 MHz)
CT
——
10
pF
Reverse Leakage (V R
I
)
V
5
2
=
R
—
0.5
2.0
µAdc
Forward Voltage (I F
V
)
c
d
A
m
1
.
0
=
F
—
0.22
0.24
Vdc
Forward Voltage (I F
V
)
c
d
A
m
0
.
1
=
F
—
0.29
0.32
Vdc
Forward Voltage (I F = 10 mAdc)
VF
—
0.35
0.40
Vdc
Forward Voltage (I F
V
)
c
d
A
m
0
3
=
F
—
0.41
0.5
Vdc
Forward Voltage (I F
V
)
c
d
A
m
0
0
1
=
F
—
0.52
1.0
Vdc
Reverse Recovery Time
(I F = I R = 10 mAdc, I R(REC) = 1.0 mAdc, Figure 1)
trr
—
—
5.0
ns
I
)
C
D
(
t
n
e
r
r
u
C
d
r
a
w
r
o
F
F
—
—
200
mAdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
R
FRM
—
—
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc
Storage Temperature
T
-40 to +125
°C


Similar Part No. - FDR54E

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR54 FS-FDR54 Datasheet
123Kb / 3P
Schottky Barrier Diodes
FDR54A FS-FDR54A Datasheet
129Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54ADW FS-FDR54ADW Datasheet
575Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
FDR54BRW FS-FDR54BRW Datasheet
575Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
FDR54C FS-FDR54C Datasheet
128Kb / 3P
Dual Serles Schottky Barrler Dlodes
More results

Similar Description - FDR54E

ManufacturerPart #DatasheetDescription
logo
Shindengen Electric Mfg...
D3CE4S SHINDENGEN-D3CE4S Datasheet
177Kb / 4P
SchottkyBarrierDiode
D3CE15ST SHINDENGEN-D3CE15ST Datasheet
159Kb / 4P
SchottkyBarrierDiode
D6FEC12ST SHINDENGEN-D6FEC12ST Datasheet
241Kb / 4P
SchottkyBarrierDiode
D6FEC15ST SHINDENGEN-D6FEC15ST Datasheet
241Kb / 4P
SchottkyBarrierDiode
DG1S6A SHINDENGEN-DG1S6A Datasheet
246Kb / 4P
SchottkyBarrierDiode
S20SC9MT SHINDENGEN-S20SC9MT_17 Datasheet
165Kb / 4P
SchottkyBarrierDiode
logo
First Silicon Co., Ltd
FDR520E FS-FDR520E Datasheet
334Kb / 3P
SCHOTTKYBARRIERDIODE
FDR521E FS-FDR521E Datasheet
322Kb / 3P
SCHOTTKYBARRIERDIODE
FDR521G FS-FDR521G Datasheet
335Kb / 4P
SCHOTTKYBARRIERDIODE
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com