Electronic Components Datasheet Search
  English  ▼

X  

FDR54SE Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR54SE
Description  Dual Series Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR54SE Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR54SE Datasheet HTML 1Page - First Silicon Co., Ltd FDR54SE Datasheet HTML 2Page - First Silicon Co., Ltd FDR54SE Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDR54SE
2013. 6. 26
1/3
Revision No : 0
MAXIMUM RATINGS (TJ = 125
°C unless otherwise noted)
Rating
Symbol
Value
Unit
Reverse Voltage
VR
30
Volts
Forward Power Dissipation
@ TA = 25℃
PD
150
mW
Forward Current (DC)
IF
200 Max
mA
Junction Temperature
TJ
125 Max
°C
Storage Temperature Range
Tstg
– 55 to +150
°C
ELECTRICAL CHARACTERISTICS
(TA = 25°C unless otherwise noted) (EACH DIODE)
Characteristic
Symbol
Min
Typ
Max
Unit
Reverse Breakdown Voltage (IR = 10
µA)
V(BR)R
30
—
—
Volts
Total Capacitance (VR = 1.0 V, f = 1.0 MHz)
CT
—
—
10
pF
Reverse Leakage (VR = 25 V)
IR
—
0.5
2.0
µAdc
Forward Voltage (IF = 0.1 mAdc)
VF
—
0.22
0.24
Vdc
Forward Voltage (IF = 30 mAdc)
VF
—
0.41
0.5
Vdc
Forward Voltage (IF = 100 mAdc)
VF
—
0.52
1.0
Vdc
Reverse Recovery Time
(IF = IR = 10 mAdc, IR(REC) = 1.0 mAdc) Figure 1
trr
—
—
5.0
ns
Forward Voltage (IF = 1.0 mAdc)
VF
—
0.29
0.32
Vdc
Forward Voltage (IF= 10 mAdc)
VF
—
0.35
0.40
Vdc
Forward Current (DC)
IF
—
—
200
mAdc
Repetitive Peak Forward Current
IFRM
—
—
300
mAdc
Non–Repetitive Peak Forward Current (t < 1.0 s)
IFSM
—
—
600
mAdc
3
CATHODE/ANODE
ANODE
1
CATHODE
2
These Schottky barrier diodes are designed for high speed switching applications,
circuit protection, and voltage clamping. Extremely low forward voltage reduces
conduction loss. Miniature surface mount package is excellent for hand held and
portable applications where space is limited.
• Extremely Fast Switching Speed
• Low Forward Voltage — 0.35 Volts (Typ) @ IF = 10 mAdc
Barrier Diodes
Dual Series Schottky
•
Device
Marking
Shipping
ORDERING INFORMATION
We declare that the material of product
compliance with RoHS requirements.
FDR54SE
L4
3000/Tape&Reel
SC-523


Similar Part No. - FDR54SE

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR54S FS-FDR54S Datasheet
128Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54SDW FS-FDR54SDW Datasheet
575Kb / 5P
SCHOTTKY BARRIER DIODE ARRAYS
FDR54SLT1G FS-FDR54SLT1G Datasheet
128Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54SLT3G FS-FDR54SLT3G Datasheet
128Kb / 3P
Dual Serles Schottky Barrler Dlodes
FDR54SU FS-FDR54SU Datasheet
170Kb / 3P
Dual Series Schottky Barrier Diodes
More results

Similar Description - FDR54SE

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
BAT54SWT1 ONSEMI-BAT54SWT1 Datasheet
49Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 8
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
Dual Series Schottky Barrier Diodes
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
Dual Series Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com