Electronic Components Datasheet Search
  English  ▼

X  

FDR1100F Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR1100F
Description  Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR1100F Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR1100F Datasheet HTML 1Page - First Silicon Co., Ltd FDR1100F Datasheet HTML 2Page - First Silicon Co., Ltd FDR1100F Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDR120F~1200F
2014. 05. 28
1/3
Revision No : 0
FE TURES
* Plastic package has Under writers Laboratory
Flammability Classification 94V-0
* Low power loss,high efficiency
* For use in low voltage high frequency inverters,
free wheeling,and polarity
* Guardringfor over voltage protection
* High temperature soldering guaranteed:
260℃/10 seconds at terminals
Mechanical Data
Case: SOD-323F
molded plastic over sky die
Terminals: Tin Plated, solderable per
MIL-STD-750, Method 2026
Polarity: Color band denotes cathode end
Mounting Position: Any
We declare that the material of product is
Weight:
0.011 g
Haloggenfree (green epoxy compound)
Handling precautin:None
1.Electrical Characteristic
Maximum & Thermal Characteristics Ratings at 25℃ ambient temperature unless other wise specified.
Parameter Symbol
symbol
FDR120F
Unit
device marking code
12
13
14
15
16
18
110
115
120
Maximum repetitive peak reverse
voltage
VRRM
20
30
40
50
60
80
100
150
200
V
Maximum RMS voltage
VRMS
14
21
28
35
42
56
70
105
140
V
Maximum DC blocking voltage
VDC
20
30
40
50
60
80
100
150
200
V
Maximum averageforward rectfied
current atTc = 75℃
IF(AV)
A
Peak forward surge current 8.3ms
single haf sine-wave superimposed
on rated load (JEDEC Method)
IFSM
A
Typical thermal resistance (Note 1)
RθJA
RθJL
°C/W
Operating junction temperature
range
TJ
°C
storage temperature range
TSTG
°C
Electrical Characteristics Ratings at 25℃ ambient temperature unless other wise specified.
Parameter Symbol
symbol
Unit
Maximum instantaneousforward
voltage at(IF = 0.7 A, TJ = 25℃)
(IF = 1.0 A, TJ
VF
0.9
0.92
V
Maximum DC reverse current at
rated DC blocking voltage TA=25℃
TJ =125℃
IR
mA
Typical junction capacitance at
4.0V, 1MHz
CJ
PF
NOTES:
1. 8.0mm2 (.013mm thick) land areas
0.48
0.55
Schottky Barrier Rectifiers
Reverse Voltage 20 to 200V Forward Current 1.0A
0.02
10
160
0.7
1.0
22
220
50
–55 to +150
–65 to +150
0.85
SOD-323F
FDR130F FDR140F FDR150F FDR160F
FDR180F FDR1100F
FDR1200F
= 25℃)
FDR120F FDR130F FDR140F
FDR150F
FDR160F
FDR180F
FDR1100F
FDR1150F
FDR1150F FDR1200F


Similar Part No. - FDR1100F

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR1020E FS-FDR1020E Datasheet
569Kb / 4P
SCHOTTKY BARRIER DIODE
FDR1040DFN1006 FS-FDR1040DFN1006 Datasheet
322Kb / 5P
Schottky Barrier Diode
FDR140 FS-FDR140 Datasheet
277Kb / 4P
Surface Mount Schottky Power Rectifier
FDR140T1G FS-FDR140T1G Datasheet
277Kb / 4P
Surface Mount Schottky Power Rectifier
FDR140T3G FS-FDR140T3G Datasheet
277Kb / 4P
Surface Mount Schottky Power Rectifier
More results

Similar Description - FDR1100F

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
1N5817 LRC-1N5817_12 Datasheet
262Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 40V Forward Current 1.0A
LMBR1200FT1G LRC-LMBR1200FT1G Datasheet
172Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
LMBR2200FT1G LRC-LMBR2200FT1G Datasheet
181Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 2.0A
LMBR3200FT1G LRC-LMBR3200FT1G Datasheet
166Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 3.0A
SB120 LRC-SB120_11 Datasheet
375Kb / 7P
Schottky Barrier Rectifiers Reverse Voltage 20 to 100V Forward Current 1.0A
LMBR120ET1G LRC-LMBR120ET1G Datasheet
495Kb / 11P
Schottky Barrier Rectifiers Reverse Voltage 20 to 200V Forward Current 1.0A
logo
Weitron Technology
B120E WEITRON-B120E Datasheet
1Mb / 5P
Reverse Voltage 20 to 200V Forward Current 1.0A
B120F WEITRON-B120F Datasheet
1Mb / 6P
Reverse Voltage 20 to 200V Forward Current 1.0A
logo
AiT Semiconductor Inc.
MBR120E AITSEMI-MBR120E Datasheet
484Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20V TO 200V FORWARD CURRENT 1.0A
REV1.1
MBR120F AITSEMI-MBR120F Datasheet
435Kb / 5P
SCHOTTKY BARRIER RECTIFIERS REVERSE VOLTAGE 20 TO 200V FORWARD CURRENT 1.0A
REV2.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com