Electronic Components Datasheet Search
  English  ▼

X  

LM2029B Datasheet(PDF) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2029B
Description  LCD Module User Manual
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2029B Datasheet(HTML) 3 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2029B Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2029B Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2029B Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2029B Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2029B Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2029B Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2029B Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2029B Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2029B Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
TOPWAY
LCD Module User Manual
LM2029B
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2029B-Manual-Rev0.1
Page: 3 of 12
1. Basic Specifications
1.1
Power Supply Highlight
-
Logic Power Supply (VDD-VSS)
: 3.0 ~ 5.0 V
-
LED Backlight Supply (BLA-BLK) : 300mA (3.55V TYP.)
Note: Please see the “3. Electrical Characteristics” for details.
1.2
Display Specifications
1) LCD Display Mode
: STN, Negative, Transmissive
2) Display Color
: Display Data = “1” : Light Gray (*1)
: Display Data = “0” : Deep Blue (*2)
3) Viewing Angle
: 6 H
4) Driving Method
: 1/240 duty, 1/17 bias
5) Backlight
: White LED backlight
Note:
*1. Color tone may slightly change by Temperature and Driving Condition.
*2. The Color is defined as the inactive / background color
1.3
Mechanical Specifications
1) Outline Dimension
: 163.5 x 109.0 x 11.2MAX
see attached Outline Drawing for details
1.4
Block Diagram
`
320 x 240 pixels
LCD Panel
SEGMENT
Driver
/WR,/RD,A0
DB0~DB7
COM1
:
COM80
COM81
:
COM160
COM161
:
COM240
VSS
VDD
V0
VOUT
BLK
BLA
SEGMENT
Driver
SEGMENT
Driver
SEGMENT
Driver
32k Byte
Display RAM
Booster &
Power Circuit
/RES, /CS
SED1335
or equivalent
Backlight Circuit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com