Electronic Components Datasheet Search
  English  ▼

X  

2017237 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2017237
Description  UHK 4-FS(8-2,8-0,8)
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2017237 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2017237 Datasheet HTML 1Page - PHOENIX CONTACT 2017237 Datasheet HTML 2Page - PHOENIX CONTACT 2017237 Datasheet HTML 3Page - PHOENIX CONTACT 2017237 Datasheet HTML 4Page - PHOENIX CONTACT 2017237 Datasheet HTML 5Page - PHOENIX CONTACT 2017237 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Inc., USA
Page 1 / 6
http://www.phoenixcon.com
Mar 15, 2010
Extract from the online
catalog
 
UHK 4-FS(8-2,8-0,8)
Order No.: 2017237
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2017237
 
 
Feed-through modular terminal block, Connection type: Screw
connection, Cross section: 0.2 mm² - 4 mm², Width: 6.2 mm, Color:
gray, Assembly: NS 35/7,5, NS 35/15, NS 32
 
Commercial data
EAN
4017918052690
Pack
50 pcs.
Customs tariff
85369010
Weight/Piece
0.010899 KG
Catalog page information
Page 405 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
1
Number of connections
2
Color
gray


Similar Part No. - 2017237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2017208 PHOENIX-2017208 Datasheet
50Kb / 3P
Feed-through terminal block - UHK 4-LOER/FS(10-2,8-0,8)
2017224 PHOENIX-2017224 Datasheet
120Kb / 5P
UHK 4-FS/FS(12-2,8-0,8)
More results

Similar Description - 2017237

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
0271017 PHOENIX-0271017 Datasheet
147Kb / 11P
Feed-through terminal block - USK 4-FS/FS(8-2,8-0,8)
0852012 PHOENIX-0852012 Datasheet
146Kb / 12P
Feed-through terminal block - VBST 4-FS(6-2,8-0,8)
1953017 PHOENIX-1953017 Datasheet
121Kb / 5P
UVKB 4-FS/FS(8-2,8-0,8)
1954016 PHOENIX-1954016 Datasheet
128Kb / 6P
UVKB 4-FS(6-2,8-0,8)
1960013 PHOENIX-1960013 Datasheet
109Kb / 5P
UKB 4-FS/FS(4-2,8-0,8)
1960026 PHOENIX-1960026 Datasheet
134Kb / 12P
Feed-through terminal block - UKB 4-FS(2-2,8-0,8)
2017208 PHOENIX-2017208 Datasheet
50Kb / 3P
Feed-through terminal block - UHK 4-LOER/FS(10-2,8-0,8)
2017224 PHOENIX-2017224 Datasheet
120Kb / 5P
UHK 4-FS/FS(12-2,8-0,8)
3070435 PHOENIX-3070435 Datasheet
76Kb / 6P
Feed-through terminal block - VBSTB 4-FS (6-2,8-0,8)
0851013 PHOENIX-0851013 Datasheet
159Kb / 13P
Feed-through terminal block - VBST 4-FS/FS(8-2,8-0,8)
09/12/2020
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com