Electronic Components Datasheet Search
  English  ▼

X  

AT431Z Datasheet(PDF) 1 Page - List of Unclassifed Manufacturers

Part # AT431Z
Description  Low-Voltage Adjustable Precision Shunt Regulator
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC1 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC1 - List of Unclassifed Manufacturers

AT431Z Datasheet(HTML) 1 Page - List of Unclassifed Manufacturers

  AT431Z Datasheet HTML 1Page - List of Unclassifed Manufacturers AT431Z Datasheet HTML 2Page - List of Unclassifed Manufacturers AT431Z Datasheet HTML 3Page - List of Unclassifed Manufacturers AT431Z Datasheet HTML 4Page - List of Unclassifed Manufacturers AT431Z Datasheet HTML 5Page - List of Unclassifed Manufacturers AT431Z Datasheet HTML 6Page - List of Unclassifed Manufacturers AT431Z Datasheet HTML 7Page - List of Unclassifed Manufacturers AT431Z Datasheet HTML 8Page - List of Unclassifed Manufacturers AT431Z Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
AT431
Low-Voltage Adjustable Precision
Shunt Regulator
2F, No.10, Prosperity RD. II, Science-Based Industrial Park, Hsinchu 300,Taiwan, R.O.C.
Tel: 886-3-563-0878
WWW: http://www.aimtron.com.tw
Fax: 886-3-563-0879
Email: service@aimtron.com.tw
1
Features
˙
Low-Voltage Operation: Down to 1.24V
˙
1% Reference-Voltage Tolerance
˙
Adjustable Output Voltage, Vo=Vref to 12V
˙
Low Operational Cathode Current….50μA
˙
0.25
Ω Typical Output Impedance
˙
SOT-23-3 , SOT-23-5 and TO-92 Packages
Application
˙Linear Regulators
˙Voltage Reference for Power Circuit
Description
The AT431 is low-voltage three-terminal
adjustable voltage reference with specified
thermal stability over applicable commercial
temperature ranges. Output voltage may be set to
any value between Vref (1.24V) and 12V with
two external resistors (see Figure 2).
When used with an optocoupler, the AT431 is
ideal voltage reference in isolated feedback
circuits for 1.8V to 12 V switching-mode power
supplies. This device has typical output
impedance of 0.20
Ω. Active output circuitry
provides a very sharp turn-on characteristic,
making the AT431 excellent replacements for
low-voltage zener diodes in many applications,
including onboard regulation and adjustable
power supplies.
Block Diagram and Symbol


Similar Part No. - AT431Z

ManufacturerPart #DatasheetDescription
logo
Aimtron Technology
AT431Z AIMTRON-AT431Z Datasheet
328Kb / 11P
1.24V low-Voltage Adjustable Precision Shunt Regulator
More results

Similar Description - AT431Z

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
RC0431A FAIRCHILD-RC0431A Datasheet
540Kb / 9P
Low-Voltage Adjustable Precision Shunt Regulator
logo
International Rectifier
IRU431L IRF-IRU431L Datasheet
47Kb / 6P
LOW -VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Texas Instruments
TLVH431A TI-TLVH431A Datasheet
500Kb / 31P
LOW-VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
KODENSHI_AUK CORP.
KK432 KODENSHI-KK432 Datasheet
324Kb / 6P
Low Voltage Adjustable Precision Shunt Regulator
logo
IK Semicon Co., Ltd
TL432 IKSEMICON-TL432 Datasheet
611Kb / 9P
Low Voltage Adjustable Precision Shunt Regulator
logo
Guangdong Kexin Industr...
TL432 KEXIN-TL432 Datasheet
318Kb / 8P
Low Voltage Adjustable Precision Shunt Regulator
logo
Microsemi Corporation
LX432 MICROSEMI-LX432_05 Datasheet
202Kb / 10P
Low Voltage Adjustable Precision Shunt Regulator
logo
Leshan Radio Company
LR432AH LRC-LR432AH Datasheet
293Kb / 3P
Low Voltage Adjustable Precision Shunt Regulator
logo
Bookly Micro electronic
BM432 BOOKLY-BM432 Datasheet
401Kb / 14P
LOW VOLTAGE ADJUSTABLE PRECISION SHUNT REGULATOR
logo
Guangdong Kexin Industr...
KL432 KEXIN-KL432 Datasheet
118Kb / 2P
Low Voltage Adjustable Precision Shunt Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com