Electronic Components Datasheet Search
  English  ▼

X  

FDR715U Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDR715U
Description  Dual Series Schottky Barrier Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR715U Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDR715U Datasheet HTML 1Page - First Silicon Co., Ltd FDR715U Datasheet HTML 2Page - First Silicon Co., Ltd FDR715U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
SEMICONDUCTOR
TECHNICAL DATA
FDR715U
2013. 05. 08
1/3
Revision No : 0
1
3
2
SOT-323
3
CATHODE
ANODE
1
ANODE
2
ORDERING INFORMATION
Device
Marking
Shipping
FDR715U
3D
3000/Tape & Reel
Dual Series Schottky Barrier Diodes
4.We declare that the material of product
compliance with RoHS requirements.
Applications
General purpose detection High speed switching
Features
1. Small surface mounting type.
2. Low VF and low IR
3. High reliability
Absolute maximum ratings (Ta=25
°C)
Parameter
Symbol
Limits
Unit
Peak reverse voltage
VRM
40
V
DC reverse voltage
VR
40
V
Mean rectifying current
IO
30
mA
Peak forward surge current�
IFSM
200
mA
Junction temperature
Tj
125
°C
Storage temperature
Tstg
°C
−40~
+125
� 60 Hz for 1
Electrical characteristics (Ta=25
°C)
Note) ESD sensitive product handling required.
Parameter
Symbol
Min.
Typ.
Max.
Unit
Conditions
Forward voltage
VF
−
−
0.37
V
IF
=1mA
Reverse current
IR
−
−
1
µA
VR
=10V
Capacitance between terminals
−
2.0
−
pF
VR
=1V, f=1MHz
CT


Similar Part No. - FDR715U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDR70 FS-FDR70 Datasheet
179Kb / 4P
SCHOTTKY BARRIER DIODE
FDR70A FS-FDR70A Datasheet
179Kb / 4P
SCHOTTKY BARRIER DIODE
FDR70C FS-FDR70C Datasheet
179Kb / 4P
SCHOTTKY BARRIER DIODE
FDR70S FS-FDR70S Datasheet
179Kb / 4P
SCHOTTKY BARRIER DIODE
FDR751E FS-FDR751E Datasheet
40Kb / 3P
SCHOTTKY BARRIER DIODE
More results

Similar Description - FDR715U

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAT54SWT1 LRC-BAT54SWT1 Datasheet
61Kb / 2P
Dual Series Schottky Barrier Diodes
LBAT54LT1 LRC-LBAT54LT1 Datasheet
76Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
BAT54CTT1 ONSEMI-BAT54CTT1 Datasheet
48Kb / 4P
Dual Series Schottky Barrier Diodes
October, 2005 ??Rev. 2
BAT54CLT1 ONSEMI-BAT54CLT1 Datasheet
51Kb / 4P
Dual Series Schottky Barrier Diodes
September, 2005 ??Rev. 3
logo
Leshan Radio Company
LBAT54AWT1G LRC-LBAT54AWT1G Datasheet
94Kb / 3P
Dual Series Schottky Barrier Diodes
logo
ON Semiconductor
SBAT54SLT1G ONSEMI-SBAT54SLT1G Datasheet
121Kb / 4P
Dual Series Schottky Barrier Diodes
November, 2011 ??Rev. 15
logo
Leshan Radio Company
LBAT54SWT1G LRC-LBAT54SWT1G_15 Datasheet
201Kb / 3P
Dual Series Schottky Barrier Diodes
LRB715FT1G LRC-LRB715FT1G Datasheet
236Kb / 3P
Dual Series Schottky Barrier Diodes
logo
First Silicon Co., Ltd
FDR54SE FS-FDR54SE Datasheet
246Kb / 3P
Dual Series Schottky Barrier Diodes
logo
AiT Semiconductor Inc.
BAT54SW AITSEMI-BAT54SW Datasheet
730Kb / 6P
SCHOTTKY DIODES DUAL SERIES SCHOTTKY BARRIER DIODES
REV1.0
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com