Electronic Components Datasheet Search
  English  ▼

X  

FDS16S Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS16S
Description  Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS16S Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS16S Datasheet HTML 1Page - First Silicon Co., Ltd FDS16S Datasheet HTML 2Page - First Silicon Co., Ltd FDS16S Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Switching Diode
MAXIMUM RATINGS
Rating
Symbol
Value
Unit
Continuous Reverse Voltage
V R
75
Vdc
Peak Forward Current
I
F
200
mAdc
Peak Forward Surge Current
I FM(surge)
500
mAdc
THERMAL CHARACTERISTICS
Characteristic
Symbol
Max
Unit
Total Device Dissipation FR– 5 Board, (1)
PD
225
mW
TA = 25°C
8
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
556
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
300
mW
Alumina Substrate, (2) TA = 25°C
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
mW/°C
Thermal Resistance, Junction to Ambient
RθJA
417
°C/W
Junction and Storage Temperature
TJ , Tstg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted)
Characteristic
Symbol
Min
Max
Unit
OFF CHARACTERISTICS
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
µAdc
(V R
0
.
1
—
)
c
d
V
5
7
=
(V R = 75 Vdc, T J
0
5
—
)
C
°
0
5
1
=
(V R = 25 Vdc, T J
0
3
—
)
C
°
0
5
1
=
Reverse Breakdown Voltage
V (BR)
75
—
Vdc
(I BR = 100
µAdc)
V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
F
mV
(I F
5
1
7
—
)
c
d
A
m
0
.
1
=
(I F
5
5
8
—
)
c
d
A
m
0
1
=
(I F
0
0
0
1
—
)
c
d
A
m
0
5
=
(I F
0
5
2
1
—
)
c
d
A
m
0
5
1
=
Diode Capacitance
C D
—
2.0
pF
(V R = 0, f = 1.0 MHz)
Forward Recovery Voltage
V FR
–-
1.75
Vdc
(I F = 10 mAdc, t r = 20ns )
Reverse Recovery Time
t rr
—
6.0
ns
(I F = I R = 10 mAdc, R L = 50 Ω)
Stored Charge
Q S
—
45
pC
(I F = 10 mAdc to V R= 5.0Vdc, R L = 500 Ω)
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
3
CATHODE
1
ANODE
DEVICE MARKING AND ORDERING INFORMATION
Device
Marking
Package
Shipping
FDS16ST1G
A6
SOT-23
3000/Tape&Reel
FDS16ST3G
A6
SOT-23
10000/Tape&Reel
SEMICONDUCTOR
TECHNICAL DATA
FDS16S
2009. 5. 28
1/3
Revision No : 0
SOT –23
1
3
2


Similar Part No. - FDS16S

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS160 FS-FDS160 Datasheet
72Kb / 3P
Switching diode
FDS160E FS-FDS160E Datasheet
133Kb / 3P
Switching diode
FDS160ET1G FS-FDS160ET1G Datasheet
133Kb / 3P
Switching diode
FDS160F FS-FDS160F Datasheet
372Kb / 3P
Switchingdiode
FDS160G FS-FDS160G Datasheet
486Kb / 4P
High Speed Switching Diode
More results

Similar Description - FDS16S

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
BAS16HT1 ONSEMI-BAS16HT1_05 Datasheet
45Kb / 4P
Switching Diode
March, 2005 ??Rev. 4
logo
Microsemi Corporation
1N4531 MICROSEMI-1N4531 Datasheet
96Kb / 1P
SWITCHING DIODE
1N5196 MICROSEMI-1N5196 Datasheet
82Kb / 1P
SWITCHING DIODE
logo
TRANSYS Electronics Lim...
BAL99LT1 TEL-BAL99LT1 Datasheet
60Kb / 1P
SWITCHING DIODE
logo
ON Semiconductor
MMSD4148T1 ONSEMI-MMSD4148T1_07 Datasheet
75Kb / 4P
Switching Diode
September, 2007 - Rev. 9
logo
TAITRON Components Inco...
1N914 TAITRON-1N914 Datasheet
174Kb / 4P
Switching Diode
logo
AiT Semiconductor Inc.
BAS516 AITSEMI-BAS516 Datasheet
210Kb / 4P
SWITCHING DIODE HIGH SPEED SWITCHING DIODE
REV1.0
BAV99L AITSEMI-BAV99L Datasheet
442Kb / 5P
SWITCHING DIODE DUAL SWITCHING DIODE
REV2.0
MBD914 AITSEMI-MBD914 Datasheet
505Kb / 5P
SWITCHING DIODE HIGH?뭆PEED SWITCHING DIODE
REV1.0
MDL914 AITSEMI-MDL914 Datasheet
483Kb / 5P
SWITCHING DIODE HIGH ?밪PEED SWITCHING DIODE
REV1.1
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com