Electronic Components Datasheet Search
  English  ▼

X  

FDS19W Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS19W
Description  HIGH VOLTAGE SWITCHING DIODE
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS19W Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS19W Datasheet HTML 1Page - First Silicon Co., Ltd FDS19W Datasheet HTML 2Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
2014. 09. 05
1/2
SEMICONDUCTOR
TECHNICAL DATA
FDS19W ~ FDS21W
Revision No : 0
HIGH VOLTAGE SWITCHING DIODE
Purpose: Small signal diode.
Features:Fast switching diodes.
Absolute maximum ratings(Ta=25℃)
Electrical characteristics(Ta=25℃)
Rating
Unit
Symbol
Test condition
Min
Max
FDS19W
120
FDS20W
200
V
(BR)R
I
R=100uA
FDS21W
250
V
I
F
V
0
.
1
A
m
0
0
1
=
V
FM
I
F
V
5
2
.
1
A
m
0
0
2
=
T
j=25℃
V
R=VRWM
100
nA
I
RM
T
j=100℃
V
R=VRWM
15
uA
t
rr
I
F=IR=30mA,
I
rr=0.1хIR,Rl=100Ω
50
ns
C
T
V
R=0
,f=1.0MHz
5.0
pF
Marking:
Type
FDS19W
FDS20W
FDS21W
Marking
HA8
HT2
HT3
Rating
Symbol
FDS19W
FDS20W
FDS21W
V
RRM
120 V
200 V
250 V
V
RWM,VR
100 V
150 V
200 V
V
R(RMS)
71 V
106 V
141 V
IFM
400 mA
IO
200 mA
I
FSM
t=1.0ms:2.5A,t=1.0s:0.5A
I
FRM
625 mA
Pd
400 mW
R
θJA
500℃/W
T
j,TSTG
-65℃ TO +150℃


Similar Part No. - FDS19W

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS193 FS-FDS193 Datasheet
97Kb / 2P
Single Switching Diode
More results

Similar Description - FDS19W

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
BAS21SG CYSTEKEC-BAS21SG Datasheet
150Kb / 4P
High voltage switching diode
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V Datasheet
231Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
ON Semiconductor
BAS19LT1 ONSEMI-BAS19LT1_07 Datasheet
128Kb / 6P
High Voltage Switching Diode
January, 2007 ??Rev. 9
logo
Central Semiconductor C...
CPD80V CENTRAL-CPD80V_10 Datasheet
400Kb / 2P
Switching Diode High Voltage Switching Diode Chip
logo
KODENSHI_AUK CORP.
SDS19F KODENSHI-SDS19F Datasheet
268Kb / 5P
High Voltage Switching Diode
SDS19WK KODENSHI-SDS19WK Datasheet
253Kb / 5P
High Voltage Switching Diode
SDS20 KODENSHI-SDS20 Datasheet
254Kb / 5P
High Voltage Switching Diode
SDS20D KODENSHI-SDS20D Datasheet
225Kb / 5P
High Voltage Switching Diode
SDS21F KODENSHI-SDS21F Datasheet
268Kb / 5P
High Voltage Switching Diode
logo
Taiwan Semiconductor Co...
BAV19 TSC-BAV19_11 Datasheet
208Kb / 3P
High Voltage Switching Diode
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com