Electronic Components Datasheet Search
  English  ▼

X  

FDS56U Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS56U
Description  Dual Switching Diodes
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS56U Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS56U Datasheet HTML 1Page - First Silicon Co., Ltd FDS56U Datasheet HTML 2Page - First Silicon Co., Ltd FDS56U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
2011. 11. 15
1/3
SEMICONDUCTOR
TECHNICAL DATA
FDS56U
Revision No : 0
DEVICE MARKING
FDS56U = A1
MAXIMUM RATINGS (TA = 25°C)
t
i
n
U
x
a
M
l
o
b
m
y
S
g
n
i
t
a
R
V
g
a
t
l
o
V
e
s
r
e
v
e
R
R
70
Vdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
F
200
mAdc
Peak Forward Surge Current
IFM(surge)
500
mAdc
THERMAL CHARACTERISTICS
x
a
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Unit
Total Device Dissipation FR–5 Board(1)
PD
200
mW
TA = 25°C
C
°
/
W
m
6
.
1
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
R
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θJA
0.625
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
300
mW
Alumina Substrate(2) TA = 25°C
C
°
/
W
m
4
.
2
C
°
5
2
e
v
o
b
a
e
t
a
r
e
D
R
t
n
e
i
b
m
A
o
t
n
o
i
t
c
n
u
J
,
e
c
n
a
t
s
i
s
e
R
l
a
m
r
e
h
T
θJA
417
°C/W
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
J, Tstg
–55 to +150
°C
ELECTRICAL CHARACTERISTICS (TA = 25°C unless otherwise noted)
t
i
n
U
x
a
M
n
i
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
OFF CHARACTERISTICS
V
e
g
a
t
l
o
V
n
w
o
d
k
a
e
r
B
e
s
r
e
v
e
R
(BR)
70
—
Vdc
(I(BR) = 100
µAdc)
Reverse Voltage
I
t
n
e
r
r
u
C
e
g
a
k
a
e
L
R
µAdc
(VR = 25 Vdc, TJ
0
3
—
)
C
°
0
5
1
=
(VR
5
.
2
—
)
c
d
V
0
7
=
(VR = 70 Vdc, TJ
0
5
—
)
C
°
0
5
1
=
C
e
c
n
a
t
i
c
a
p
a
C
e
d
o
i
D
D
—
2.0
pF
(VR = 0, f = 1.0 MHz)
V
e
g
a
t
l
o
V
d
r
a
w
r
o
F
F
mVdc
(IF
5
1
7
—
)
c
d
A
m
0
.
1
=
(IF
5
5
8
—
)
c
d
A
m
0
1
=
(IF
0
0
0
1
—
)
c
d
A
m
0
6
=
(IF
0
5
2
1
—
)
c
d
A
m
0
5
1
=
t
e
m
i
T
y
r
e
v
o
c
e
R
e
s
r
e
v
e
R
rr
—
6.0
ns
(IF = IR = 10 mAdc, RL = 100 Ω, IR(REC) = 1.0 mAdc) (Figure 1)
1. FR–5 = 1.0 × 0.75 × 0.062 in.
2. Alumina = 0.4 × 0.3 × 0.024 in. 99.5% alumina.
Dual Switching Diodes
Ordering Information
Device
Marking
Shipping
FDS56U
A1
3000/Tape&Reel
Features
• We declare that the material of product
compliance with RoHS requirements.
SC-70 / SOT-323
3
2
1
3
ANODE
CATHODE
1
2
CATHODE


Similar Part No. - FDS56U

ManufacturerPart #DatasheetDescription
logo
First Silicon Co., Ltd
FDS56 FS-FDS56 Datasheet
98Kb / 2P
Dual Swtiching Diode
logo
Fairchild Semiconductor
FDS5670 FAIRCHILD-FDS5670 Datasheet
250Kb / 8P
60V N-Channel PowerTrench??MOSFET
logo
VBsemi Electronics Co.,...
FDS5670-NL VBSEMI-FDS5670-NL Datasheet
966Kb / 9P
N-Channel 60-V (D-S) MOSFET
logo
TECH PUBLIC Electronics...
FDS5670-TP TECHPUBLIC-FDS5670-TP Datasheet
2Mb / 5P
N-Channel Enhancement Mode Power MOSFET
logo
Fairchild Semiconductor
FDS5672 FAIRCHILD-FDS5672 Datasheet
455Kb / 12P
N-Channel PowerTrench MOSFET
More results

Similar Description - FDS56U

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV70WT1 LRC-BAV70WT1 Datasheet
66Kb / 3P
Dual Switching Diodes
logo
SEMTECH ELECTRONICS LTD...
MMBD2835 SEMTECH_ELEC-MMBD2835 Datasheet
145Kb / 2P
Dual Switching Diodes
logo
Leshan Radio Company
LBAV70WT1G LRC-LBAV70WT1G_15 Datasheet
78Kb / 4P
Dual Switching Diodes
logo
Yea Shin Technology Co....
BAV70W YEASHIN-BAV70W Datasheet
661Kb / 3P
Dual Switching Diodes
BAW56W YEASHIN-BAW56W Datasheet
685Kb / 3P
Dual Switching Diodes
logo
First Silicon Co., Ltd
FDS70U FS-FDS70U Datasheet
244Kb / 4P
Dual Switching Diodes
logo
AiT Semiconductor Inc.
DAN202U AITSEMI-DAN202U Datasheet
459Kb / 6P
SWITCHING DIODES DUAL SWITCHING DIODES
REV1.1
logo
RFE international
BAV99 RFE-BAV99 Datasheet
832Kb / 3P
Dual Switching Diodes
08-MAY-2023
BAV99WT RFE-BAV99WT Datasheet
1Mb / 3P
Dual Switching Diodes
27-01-2022
BAW56 RFE-BAW56 Datasheet
1Mb / 3P
Dual Switching Diodes
27-01-2022
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com