Electronic Components Datasheet Search
  English  ▼

X  

WNSC101200CW Datasheet(PDF) 1 Page - WeEn Semiconductors

Part # WNSC101200CW
Description  Silicon Carbide Diode
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WEEN [WeEn Semiconductors]
Direct Link  http://www.ween-semi.com
Logo WEEN - WeEn Semiconductors

WNSC101200CW Datasheet(HTML) 1 Page - WeEn Semiconductors

  WNSC101200CW Datasheet HTML 1Page - WeEn Semiconductors WNSC101200CW Datasheet HTML 2Page - WeEn Semiconductors WNSC101200CW Datasheet HTML 3Page - WeEn Semiconductors WNSC101200CW Datasheet HTML 4Page - WeEn Semiconductors WNSC101200CW Datasheet HTML 5Page - WeEn Semiconductors WNSC101200CW Datasheet HTML 6Page - WeEn Semiconductors WNSC101200CW Datasheet HTML 7Page - WeEn Semiconductors WNSC101200CW Datasheet HTML 8Page - WeEn Semiconductors WNSC101200CW Datasheet HTML 9Page - WeEn Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 11 page
background image
WNSC101200CW
Silicon Carbide Diode
Rev.02 - 2 July 2019
Product data sheet
1. General description
Dual Silicon Carbide Schottky diode in a
3-lead TO247 plastic package, designed for
high frequency switched-mode power
supplies.
2. Features and benefits
3. Applications
• Power factor correction
• Telecom / Server SMPS
• UPS
• PV inverter
• PC Silverbox
• LED / OLED TV
• Motor Drives
4. Quick reference data
Table 1. Quick reference data
Symbol Parameter
Conditions
Values
Unit
Absolute maximum rating
VRRM
repetitive peak reverse
voltage
1200
V
IO(AV)
limiting average output
current
δ = 0.5 ; Tmb ≤ 147 °C; square-wave pulse;
both diodes conducting;
Fig. 1; Fig. 2; Fig. 3; Fig. 4
10
A
Tj
junction temperature
175
°C
Symbol Parameter
Conditions
Min
Typ
Max
Unit
Static characteristics
VF
forward voltage
IF = 5 A; Tj = 25 °C; per diode; Fig. 6
-
1.4
1.6
V
IF = 5 A; Tj = 150 °C; per diode; Fig. 6
-
1.85
2.3
V
IF = 5 A; Tj = 175 °C; per diode; Fig. 6
-
2
2.6
V
Dynamic characteristics
Qr
recovered charge
IF = 5 A; VR = 400 V; dIF/dt = 500 A/μs;
Tj = 25 °C; per diode; Fig. 8
-
12
-
nC
• Highly stable switching performance
• High forward surge capability IFSM
• Extremely fast reverse recovery time
• Superior in efficiency to Silicon Diode alternatives
• Reduced losses in associated MOSFET
• Reduced EMI
• Reduced cooling requirements
• RoHS compliant
• High junction operating temperature capability (Tj(max) = 175 °C)
RoHS
halogen-Free
Lead-Free


Similar Part No. - WNSC101200CW

ManufacturerPart #DatasheetDescription
logo
WeEn Semiconductors
WNSC101200 WEEN-WNSC101200 Datasheet
370Kb / 11P
Silicon Carbide Diode
WNSC101200W WEEN-WNSC101200W Datasheet
453Kb / 11P
Silicon Carbide Diode
More results

Similar Description - WNSC101200CW

ManufacturerPart #DatasheetDescription
logo
NXP Semiconductors
NXPSC06650 PHILIPS-NXPSC06650_15 Datasheet
159Kb / 9P
Silicon Carbide Diode
4 May 2015
logo
Infineon Technologies A...
IDL12G65C5 INFINEON-IDL12G65C5_13 Datasheet
726Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL06G65C5 INFINEON-IDL06G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDL04G65C5 INFINEON-IDL04G65C5_13 Datasheet
727Kb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-12-05
IDK12G65C5 INFINEON-IDK12G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
IDK05G65C5 INFINEON-IDK05G65C5_13 Datasheet
1Mb / 11P
Silicon Carbide Diode
Rev. 2.0, 2013-07-20
logo
WeEn Semiconductors
NXPLQSC20650W WEEN-NXPLQSC20650W Datasheet
378Kb / 10P
Silicon Carbide Diode
NXPSC06650D WEEN-NXPSC06650D Datasheet
272Kb / 10P
Silicon Carbide Diode
NXPSC08650 WEEN-NXPSC08650 Datasheet
482Kb / 8P
Silicon Carbide Diode
logo
Cree, Inc
E4D20120G CREE-E4D20120G Datasheet
2Mb / 6P
Silicon Carbide Schottky Diode Silicon Carbide Schottky Diode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com