Electronic Components Datasheet Search
  English  ▼

X  

FDS99S3 Datasheet(PDF) 1 Page - First Silicon Co., Ltd

Part # FDS99S3
Description  Dual Series Switching Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDS99S3 Datasheet(HTML) 1 Page - First Silicon Co., Ltd

  FDS99S3 Datasheet HTML 1Page - First Silicon Co., Ltd FDS99S3 Datasheet HTML 2Page - First Silicon Co., Ltd FDS99S3 Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
1
3
2
Dual Series Switching Diode
SOT–23
3
CAHODE/ANODE
1
ANODE
2
CATHODE
MAXIMUM RATINGS (EACH DIODE)
V
l
o
b
m
y
S
g
n
i
t
a
R
alue
Unit
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
R
70
Vdc
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
F
215
mAdc
I
t
n
e
r
r
u
C
e
g
r
u
S
d
r
a
w
r
o
F
k
a
e
P
FM(surge)
500
mAdc
V
e
g
a
t
l
o
V
e
s
r
e
v
e
R
k
a
e
P
e
v
i
t
i
t
e
p
e
R
RRM
70
V
Average Rectified Forward Current (1)
I F(AV)
715
mA
(averaged over any 20 ms period)
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
R
FRM
450
mA
I
t
n
e
r
r
u
C
d
r
a
w
r
o
F
k
a
e
P
e
v
i
t
i
t
e
p
e
R
–
n
o
N
FSM
A
t = 1.0
µ s
2.0
t = 1.0 ms
1.0
t = 1.0 S
0.5
THERMAL CHARACTERISTICS
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Max
Unit
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
225
mW
FR–5 Board, (1) T A = 25°C
Derate above 25°C
1.8
mW/°C
Thermal Resistance Junction to Ambient
R θJA
556
°C/W
P
n
o
i
t
a
p
i
s
s
i
D
e
c
i
v
e
D
l
a
t
o
T
D
300
mW
Alumina Substrate, (2) T A = 25°C
Derate above 25°C
2.4
mW/°C
Thermal Resistance Junction to Ambient
R θJA
417
°C/W
T
e
r
u
t
a
r
e
p
m
e
T
e
g
a
r
o
t
S
d
n
a
n
o
i
t
c
n
u
J
J , T stg
–65 to +150
°C
ELECTRICAL CHARACTERISTICS (T A = 25°C unless otherwise noted) (EACH DIODE)
n
i
M
l
o
b
m
y
S
c
i
t
s
i
r
e
t
c
a
r
a
h
C
Max
Unit
OFF CHARACTERISTICS
Reverse Breakdown Voltage(I (BR) = 100
µA)
V (BR)
70
—
Vdc
Reverse Voltage Leakage Current (V R = 70 Vdc)
I R
—
2.5
µAdc
(V R = 25 Vdc, T J
0
3
–
–
)
C
°
0
5
1
=
(V R = 70 Vdc, T J
0
5
–
–
)
C
°
0
5
1
=
Diode Capacitance
C D
—
1.5
pF
(V R = 0, f = 1.0 MHz)
Forward Voltage (I F
V
)
c
d
A
m
0
.
1
=
F
––
715
mVdc
(I F
5
5
8
—
)
c
d
A
m
0
1
=
(I F
0
0
0
1
–
–
)
c
d
A
m
0
5
=
(I F
0
5
2
1
–
–
)
c
d
A
m
0
5
1
=
Reverse Recovery Time
(I F = I R = 10 mAdc, i R(REC) = 1.0 mAdc, R L = 100
Ω ) (Figure 1)
t rr
—
6.0
ns
Forward Recovery Voltage
(I F = 10 mA, t r = 20 ns)
V FR
—
1.75
V
1. FR–5 = 1.0 x 0.75 x 0.062 in.
2. Alumina = 0.4 x 0.3 x 0.024 in. 99.5% alumina.
.
FDS99S
FDS99S3
A7
3000 Tape & Reel
10000 Tape & Reel
Device
Marking
Shipping
DEVICE MARKING ORDERING INFORMATION
A7
• We declare that the material of product
compliance with RoHS requirements.
FDS99S
2008. 10. 30
1/3
SEMICONDUCTOR
TECHNICAL DATA
Revision No : 0


Similar Part No. - FDS99S3

ManufacturerPart #DatasheetDescription
logo
ZP Semiconductor
FDS9926 ZPSEMI-FDS9926 Datasheet
382Kb / 5P
Dual N-Channel Enhancement Mode MOSFET
logo
Fairchild Semiconductor
FDS9926A FAIRCHILD-FDS9926A Datasheet
206Kb / 8P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
FDS9926A FAIRCHILD-FDS9926A Datasheet
117Kb / 5P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
logo
VBsemi Electronics Co.,...
FDS9926A-NL VBSEMI-FDS9926A-NL Datasheet
986Kb / 7P
Dual N-Channel 20-V (D-S) MOSFET
logo
Fairchild Semiconductor
FDS9926A FAIRCHILD-FDS9926A_03 Datasheet
117Kb / 5P
Dual N-Channel 2.5V Specified PowerTrench MOSFET
More results

Similar Description - FDS99S3

ManufacturerPart #DatasheetDescription
logo
Leshan Radio Company
BAV99LT1 LRC-BAV99LT1 Datasheet
54Kb / 2P
Dual Series Switching Diode
LBAV99LT1 LRC-LBAV99LT1 Datasheet
109Kb / 3P
Dual Series Switching Diode
logo
Micro Commercial Compon...
BAV199 MCC-BAV199 Datasheet
173Kb / 3P
Dual Series Switching Diode
logo
WILLAS ELECTRONIC CORP
BAV99 WILLAS-BAV99 Datasheet
418Kb / 3P
Dual Series Switching Diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99 Datasheet
218Kb / 3P
Dual Series Switching Diode
logo
Leshan Radio Company
LBAV99LT1G LRC-LBAV99LT1G_15 Datasheet
95Kb / 4P
Dual Series Switching Diode
logo
CHENG-YI ELECTRONIC CO....
BAV99W-WS CHENG-YI-BAV99W-WS Datasheet
281Kb / 4P
DUAL SERIES SWITCHING DIODE
logo
ON Semiconductor
BAV199L ONSEMI-BAV199L Datasheet
85Kb / 4P
Dual Series Switching Diode
October, 2016 ??Rev. 10
logo
Galaxy Semi-Conductor H...
BAV99 BILIN-BAV99_15 Datasheet
163Kb / 3P
Dual series switching diode
logo
Shenzhen Luguang Electr...
BAV99 LUGUANG-BAV99_V01 Datasheet
769Kb / 3P
Dual Series Switching Diode
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com