Electronic Components Datasheet Search
  English  ▼

X  

UMC3N Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # UMC3N
Description  DualCommonBase-Collector Bias Resistor Transistor
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UMC3N Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  UMC3N Datasheet HTML 1Page - First Silicon Co., Ltd UMC3N Datasheet HTML 2Page - First Silicon Co., Ltd UMC3N Datasheet HTML 3Page - First Silicon Co., Ltd UMC3N Datasheet HTML 4Page - First Silicon Co., Ltd UMC3N Datasheet HTML 5Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 5 page
background image
2012. 08. 30
2/5
Revision No : 0
UMC3N
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
−
−
100
nAdc
Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0)
ICEO
−
−
500
nAdc
Emitter-Base Cutoff Current (VEB = 6.0, IC = 0 mA)
IEBO
−
−
0.5
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
−
−
Vdc
DC Current Gain (VCE = 10 V, IC = 5.0 mA)
hFE
35
60
−
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
−
−
0.25
Vdc
Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k )
VOL
−
−
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k )
VOH
4.9
−
−
Vdc
Input Resistor
R1
7.0
10
13
k
Resistor Ratio
R1/R2
0.8
1.0
1.2
Electrical Characteristics (T
A = 25°C)
Q1 Transistor:PNP
OFF CHARACTERISTICS
Collector-Base Cutoff Current (VCB = 50 V, IE = 0)
ICBO
−
−
100
nAdc
Collector-Emitter Cutoff Current (VCB = 50 V, IB = 0)
ICEO
−
−
500
nAdc
Emitter-Base Cutoff Current (VEB = 6.0, IC = 0 mA)
IEBO
−
−
0.5
mAdc
ON CHARACTERISTICS
Collector-Base Breakdown Voltage (IC = 10 µA, IE = 0)
V(BR)CBO
50
−
−
Vdc
Collector-Emitter Breakdown Voltage (IC = 2.0 mA, IB = 0)
V(BR)CEO
50
−
−
Vdc
DC Current Gain (VCE = 10 V, IC = 5.0 mA)
hFE
35
60
−
Collector−Emitter Saturation Voltage (IC = 10 mA, IB = 0.3 mA)
VCE(SAT)
−
−
0.25
Vdc
Output Voltage (on) (VCC = 5.0 V, VB = 2.5 V, RL = 1.0 k )
VOL
−
−
0.2
Vdc
Output Voltage (off) (VCC = 5.0 V, VB = 0.5 V, RL = 1.0 k )
VOH
4.9
−
−
Vdc
Input Resistor
R1
7.0
10
13
k
Resistor Ratio
R1/R2
0.8
1.0
1.2
Q2 Transistor:NPN



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com