Electronic Components Datasheet Search
  English  ▼

X  

UMC4N Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # UMC4N
Description  EPITAXIAL PLANAR NPN/PNP TRANSISTOR
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UMC4N Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  UMC4N Datasheet HTML 1Page - First Silicon Co., Ltd UMC4N Datasheet HTML 2Page - First Silicon Co., Ltd UMC4N Datasheet HTML 3Page - First Silicon Co., Ltd UMC4N Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2012. 08. 30
2/4
Revision No : 0
UMC4N
Note : * Characteristic of Transistor Only.
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT.
Output Cut-off Current
IO(OFF)
VO=50V, VI=0
-
-
500
DC Current Gain
GI
VO=5V, IO=10mA
80
200
-
Output Voltage
VO(ON)
IO=10mA
nA
, II=0.5mA
-
0.1
0.3
V
Input Voltage (ON)
VI(ON)
VO=0.2V, IO=5mA
-
2.8
5.0
V
Input Voltage (OFF)
VI(OFF)
VO=5V, IO=0.1mA
1.0
1.2
-
V
Transition Frequency
fT *
VO=10V, IO=5mA
-
200
-
Input Current
II
VI=5V
-
-
0.18
CHARACTERISTIC
SYMBOL
TEST CONDITION
MIN.
TYP.
MAX.
UNIT
Output Cut-off Current
IO(OFF)
VO=-50V, VI=0
-
-
-500
DC Current Gain
GI
VO=-5V, IO=-10mA
80
150
-
Output Voltage
VO(ON)
IO=-10mA , II=-0.5mA
-
-0.1
-0.3
V
Input Voltage (ON)
VI(ON)
VO=-0.2V, IO=-5mA
-
-1.2
-1.8
V
Input Voltage (OFF)
VI(OFF)
VO=-5V, IO=-0.1mA
-0.5
-0.75
-
V
Transition Frequency
fT *
VO=-10V, IO=-5mA
-
200
-
Input Current
II
VI= -5V
-
-
-0.88
Note : * Characteristic of Transistor Only
Q1 ELECTRICAL CHARACTERISTICS (Ta=25
)
°C
Q2 ELECTRICAL CHARACTERISTICS (Ta=25
)
C
nA
nA
MHz
A
MHz
A



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com