Electronic Components Datasheet Search
  English  ▼

X  

UMC5N Datasheet(PDF) 2 Page - First Silicon Co., Ltd

Part # UMC5N
Description  EPITAXIAL PLANAR NPNPNP Dual Digital Transistor
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

UMC5N Datasheet(HTML) 2 Page - First Silicon Co., Ltd

  UMC5N Datasheet HTML 1Page - First Silicon Co., Ltd UMC5N Datasheet HTML 2Page - First Silicon Co., Ltd UMC5N Datasheet HTML 3Page - First Silicon Co., Ltd UMC5N Datasheet HTML 4Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
2012. 08. 30
2/4
Revision No : 0
UMC5N
DTr2 Absolute maximum ratings (Ta=25℃)
Parameter
Symbol
Value
Unit
Supply voltage
VCC
-50
V
Input voltage
V N
-20~+7
V
IO
-100
Output current
IC(MAX)
-100
mA
Power dissipation
Pd
150
mW
Junction temperature
Tj
150
℃
Storage temperature
Tstg
-55~+150
℃
DTr2 Electrical characteristics (Ta=25
℃)
Parameter
Symbol
Min
Typ
Max
Unit
Conditions
V (off)
-0.3
VCC=-5V ,IO=-100μA
Input voltage
V (on)
-2.5
V
VO=-0.3V ,IO=-20mA
Output voltage
VO(on)
-0.3
V
IO=-10mA,II=-0.5mA
Input current
II
-1.8
mA
VI=-5V
Output current
IO(off)
-0.5
μA
VCC=-50V, VI=0
DC current gain
GI
30
VO=-5V ,IO=-10mA
Input resistance
R1
3.29
4.7
6.11
kΩ
Resistance ratio
R2/R1
1.7
2.1
2.6
Transition frequency
fT
250
MHz
VO=-10V ,IO=-5mA,f=100MHz



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com