Electronic Components Datasheet Search
  English  ▼

X  

ABSP25 Datasheet(PDF) 1 Page - Abracon Corporation

Part # ABSP25
Description  2.5 x 1.0mm SMD SURGE PROTECTOR ARRAY
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABRACON [Abracon Corporation]
Direct Link  https://abracon.com
Logo ABRACON - Abracon Corporation

ABSP25 Datasheet(HTML) 1 Page - Abracon Corporation

  ABSP25 Datasheet HTML 1Page - Abracon Corporation ABSP25 Datasheet HTML 2Page - Abracon Corporation ABSP25 Datasheet HTML 3Page - Abracon Corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
| | | | | | | | | | | | | | |
ABSP25
APPLICATIONS:
• High speed data ports
• USB 2.0, 3.0
• IEEE 1394
FEATURES:
• 4 surge protectors in a package
• Outstanding ESD protection
• Very low leakage current
• Bi-directional
• Extremely low capacitance for high speed
data transmission applications
2.5 x 1.0 x 0.58mm
Pb RoHS
Compliant
2.5 x 1.0mm SMD SURGE PROTECTOR ARRAY
STANDARD SPECIFICATIONS:
30332 Esperanza, Rancho Santa Margarita, California 92688
tel 949-546-8000 | fax 949-546-8001 | www.abracon.com
Revised: 03.23.10
Visit www.abracon.com for Terms & Conditions of Sale
CIRCUIT CONFIGURATION:
ABRACON IS
CERTIFIED
ABRACON IS
ISO9001:2008
CERTIFIED
ABRACON P/N:
ABSP25
Operating Temperature:
-55 ºC to +125 °C
Storage Temperature:
-40 ºC to +85 °C
• HDMI
• DVI
• High speed ethernet
Capacitance:
The capacitance value shall be measured under the conditions specified below:
Frequency:
1MHz±10%,
Voltage:
1Vrms±0.2Vrms,
Temperature: 25°C±2°C
Leakage Current:
The leakage current value shall be measured under the conditions specified below:
Voltage:
6Vdc,
Temperature: 25°C±2°C
Peak Voltage:
The peak voltage value shall be measured under the following conditions:
ESD test conditions: IEC61000-4-2, 8kV contact discharge.
Clamping Voltage:
The clamping voltage value shall be measured at 30ns after initiation of pulse and
measured under the conditions specified below:
ESD test conditions: IEC61000-4-2, 8kV contact discharge.
Capacitance
Leakage
Current
Peak Voltage
Clamping
Voltage
Rated Voltage
0.2pF typ. 0.3pF max
between I/O pins
0.3 pF (typ) / 0.4 p.F
max between any I/O
pin and ground
1µA max.
250 (typ) /
500 (max)
30V typ.
100V max.
D.C. 12V


Similar Part No. - ABSP25

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
ABSP10 ABRACON-ABSP10 Datasheet
1Mb / 3P
1.0 x 0.5mm SMD SURGE PROTECTOR
09.15.10
More results

Similar Description - ABSP25

ManufacturerPart #DatasheetDescription
logo
EUROQUARTZ limited
G326 EUROQUARTZ-G326 Datasheet
181Kb / 2P
3.2 x 2.5 x 1.0mm 6 pad SMD CMOS
logo
Abracon Corporation
ABSP10 ABRACON-ABSP10 Datasheet
1Mb / 3P
1.0 x 0.5mm SMD SURGE PROTECTOR
09.15.10
logo
Transko Electronics, In...
CT22 TRANSKO-CT22 Datasheet
305Kb / 1P
TEMPERATURE SENSING SMD CRYSTAL (2.5 x 2.0 x 1.0mm)
Rev. 1: 10-10-19
TEI32 TRANSKO-TEI32 Datasheet
422Kb / 1P
MINIATURE SMD OSCILLATOR (3.2 x 2.5 x 1.0mm)
Ver.1: Mar. 2015
TIP22 TRANSKO-TIP22 Datasheet
454Kb / 1P
MINIATURE SMD OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Mar. 2015
TP22 TRANSKO-TP22 Datasheet
453Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.1: Jul. 2014
TP32 TRANSKO-TP32 Datasheet
463Kb / 1P
MINIATURE SMD PROGRAMMABLE OSCILLATOR (3.2 x 2.5 x 1.0mm)
Rev.5: Aug. 2015
TSI22 TRANSKO-TSI22 Datasheet
453Kb / 1P
MINIATURE SMD REAL TIME OSCILLATOR (2.5 x 2.0 x 1.0mm)
Rev.4: Mar. 2015
TSMV2 TRANSKO-TSMV2 Datasheet
376Kb / 1P
CMOS MINIATURE SMD VCXO (2.5 x 2.0 x 1.0mm)
Rev. 0: Jul. 2015
TX-Q TRANSKO-TX-Q Datasheet
172Kb / 2P
ULTRA MINIATURE SMD TCXO (3.2 x 2.5 x 1.0mm)
Ver. 2: 09-18-2018
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com