Electronic Components Datasheet Search
  English  ▼

X  

2771007 Datasheet(PDF) 1 Page - PHOENIX CONTACT

Part # 2771007
Description  UKKB 10/2,5
PDF  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PHOENIX [PHOENIX CONTACT]
Direct Link  http://www.phoenixcontact.com
Logo PHOENIX - PHOENIX CONTACT

2771007 Datasheet(HTML) 1 Page - PHOENIX CONTACT

  2771007 Datasheet HTML 1Page - PHOENIX CONTACT 2771007 Datasheet HTML 2Page - PHOENIX CONTACT 2771007 Datasheet HTML 3Page - PHOENIX CONTACT 2771007 Datasheet HTML 4Page - PHOENIX CONTACT 2771007 Datasheet HTML 5Page - PHOENIX CONTACT 2771007 Datasheet HTML 6Page - PHOENIX CONTACT  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
PHOENIX CONTACT Deutschland GmbH
Page 1 / 6
http://www.phoenixcontact.de
Feb 25, 2011
Extract from the online
catalog
 
UKKB 10/2,5
Order No.: 2771007
http://eshop.phoenixcontact.de/phoenix/treeViewClick.do?UID=2771007
 
 
Feed-through modular terminal block, Cross section:  0.5 mm² - 16
mm², AWG: 20 - 6, Connection type: Screw connection, Width: 10.2
mm, Color: gray, Mounting type: NS 35/7.5, NS 35/15, NS 32
 
Commercial data
GTIN (EAN)
4
017918
068158
Note
Made-to-order
sales group
A210
Pack
50 pcs.
Customs tariff
85369010
Catalog page information
Page 358 (CL-2009)
Product notes
WEEE/RoHS-compliant since:
01/01/2003
http://
www.download.phoenixcontact.com
Please note that the data given
here has been taken from the
online catalog. For comprehensive
information and data, please refer
to the user documentation. The
General Terms and Conditions of
Use apply to Internet downloads.
Technical data
General
Number of levels
2
Number of connections
4
Color
gray
Insulating material
PA


Similar Part No. - 2771007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2771010 PHOENIX-2771010 Datasheet
149Kb / 6P
UKKB 3
2771065 PHOENIX-2771065 Datasheet
174Kb / 4P
ATP-UKKB 3 - Partition plate
2771094 PHOENIX-2771094 Datasheet
161Kb / 6P
UKKB 3 BU
More results

Similar Description - 2771007

ManufacturerPart #DatasheetDescription
logo
PHOENIX CONTACT
2771010 PHOENIX-2771010 Datasheet
149Kb / 6P
UKKB 3
2771094 PHOENIX-2771094 Datasheet
161Kb / 6P
UKKB 3 BU
2771146 PHOENIX-2771146 Datasheet
145Kb / 5P
UKKB 5
2772077 PHOENIX-2772077 Datasheet
149Kb / 7P
UKKB 10
2773225 PHOENIX-2773225 Datasheet
39Kb / 1P
UKKB 3-WW(1X1)
3003567 PHOENIX-3003567 Datasheet
121Kb / 6P
UKKB 10-PV
3007123 PHOENIX-3007123 Datasheet
149Kb / 5P
UKKB 5-PE
3074240 PHOENIX-3074240 Datasheet
80Kb / 6P
Feed-through terminal block - UKKB 3 GN
3040342 PHOENIX-3040342 Datasheet
241Kb / 5P
SP 2,5/10
3042311 PHOENIX-3042311 Datasheet
149Kb / 11P
SC 2,5/10
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com