Electronic Components Datasheet Search
  English  ▼

X  

UP5 Datasheet(PDF) 4 Page - Eaton All Rights Reserved.

Part # UP5
Description  High power, drum inductors
PDF  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EATON [Eaton All Rights Reserved.]
Direct Link  https://www.eaton.com
Logo EATON - Eaton All Rights Reserved.

UP5 Datasheet(HTML) 4 Page - Eaton All Rights Reserved.

  UP5 Datasheet HTML 1Page - Eaton All Rights Reserved. UP5 Datasheet HTML 2Page - Eaton All Rights Reserved. UP5 Datasheet HTML 3Page - Eaton All Rights Reserved. UP5 Datasheet HTML 4Page - Eaton All Rights Reserved. UP5 Datasheet HTML 5Page - Eaton All Rights Reserved.  
Zoom Inzoom in Zoom Outzoom out
 4 / 5 page
background image
4
Technical Data
4409
Effective December 2015
UP5
High power, drum inductors
www.eaton.com/elx
Core loss
Inductance characteristics
0.001
0.01
0.1
1
0
0
0
0
1
0
0
0
1
0
0
1
B(Gauss)
Core Loss vs. Bp-p
300kHz 200kHz
100kHz
p-p
0%
10%
20%
30%
40%
50%
60%
70%
80%
90%
100%
110%
% of Isat
% of OCL vs. Isat
-40°C
+25°C
+85°C



Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com