Electronic Components Datasheet Search
  English  ▼

X  

UPC1945 Datasheet(PDF) 5 Page - NEC

Part # UPC1945
Description  ADJUSTABLE PRECISION SHUNT REGULATORS
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

UPC1945 Datasheet(HTML) 5 Page - NEC

  UPC1945 Datasheet HTML 1Page - NEC UPC1945 Datasheet HTML 2Page - NEC UPC1945 Datasheet HTML 3Page - NEC UPC1945 Datasheet HTML 4Page - NEC UPC1945 Datasheet HTML 5Page - NEC UPC1945 Datasheet HTML 6Page - NEC UPC1945 Datasheet HTML 7Page - NEC UPC1945 Datasheet HTML 8Page - NEC UPC1945 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
Data Sheet G14875EJ2V0DS
5
µPC1945
ELECTRICAL SPECIFICATIONS
(Unless otherwise specified, TA = 25°C, IK = 2 mA ( including ICC ), VREF = VCC = VK, CKA = 100 pF)
Parameter
Symbol
Conditions
MIN.
TYP.
MAX.
Unit
Reference Voltage
VREF
1.235
1.26
1.285
V
Reference Voltage Deviation
Over Temperature
|
∆VREF |
0°C
≤≤≤≤ TA ≤≤≤≤ +70°C5
30
mV
Reference Voltage Deviation
Over Supply Voltage
|
∆VREF / ∆VCC |
VREF
≤≤≤≤ VK ≤≤≤≤ 5 V
1.5
mV/V
Reference Input Current
IREF
R1 = 10 k
Ω, R2 =
∞
24
µ A
Reference Input Current
Deviation Over Temperature
|
∆IREF |
0°C
≤≤≤≤ TA ≤≤≤≤ +70°C0.3
1.2
µ A
Minimum Circuit Current
ICC MIN.
∆VREF = –2%
110
400
µ A
Minimum Cathode Voltage
VK MIN.
IK : ICC = 10 : 1
60
400
mV
Off-state Cathode Current
IK OFF
VCC = VK = 6 V, VREF = 0 V
0.01
1
µ A
Dynamic Impedance
| ZKA |
f = 1 kHz, 2 mA
≤≤≤≤ IK ≤≤≤≤ 12 mA
0.3
0.7
Ω
Unity Gain Bandwidth
funity
R1 = R2 = 10 k
Ω
500
kHz



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com