Electronic Components Datasheet Search
  English  ▼

X  

SSA-EB Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # SSA-EB
Description  SSA-EB Series Emergency Stop Buttons
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

SSA-EB Datasheet(HTML) 2 Page - Banner Engineering Corp.

  SSA-EB Datasheet HTML 1Page - Banner Engineering Corp. SSA-EB Datasheet HTML 2Page - Banner Engineering Corp. SSA-EB Datasheet HTML 3Page - Banner Engineering Corp. SSA-EB Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Applicable U.S. Standards
Applicable International Standards
ANSI B11 Standards for Machine Tools Safety
Contact: Safety Director, AMT – The Association for Manufacturing
Technology, 7901 Westpark Drive, McLean, VA 22102, Tel.:
703-893-2900
ANSI NFPA 79 Electrical Standard for Industrial Machinery
Contact: National Fire Protection Association, 1 Batterymarch Park,
P.O. Box 9101, Quincy, MA 02269-9101, Tel.: 800-344-3555
ANSI/RIA R15.06 Safety Requirements for Industrial Robots and Robot
Systems
Contact: Robotic Industries Association, 900 Victors Way, P.O. Box
3724, Ann Arbor, MI 48106, Tel.: 734-994-6088
EN ISO 12100 Safety of Machinery – Basic Concepts, General
Principles for Design
EN 60204-1 Electrical Equipment of Machines Part 1: General
Requirements
EN ISO 13849-1 Safety-Related Parts of Control Systems
ISO 13856-1 (EN1760-1), Safety of Machinery – Pressure-Sensitive
Protective Devices
Contact: Global Engineering Documents, 15 Inverness Way East,
Englewood, CO 80112-5704, Tel.: 800-854- 7179
Overview
Models SSA-EB series are metal “mushroom-style” mechanical emergency stop buttons, available with or without a compact
enclosure housing, to provide emergency stop actuation.
When the button is armed, the switch’s normally closed contacts are closed and its normally open contacts, if present, are open.
When the button is pushed, the switch’s normally closed contacts open and its normally open contacts close. The contacts remain
in this condition until the push button is manually rearmed. To manually rearm, twist the push button.
These emergency stop buttons are not safeguarding devices. They do not automatically protect personnel from injury.
Installation
Mechanical Installation
1. Latch the push button onto the mounting adapter by rotating it.
2. Attach the mounting adapter to the mounting surface using the
incorporated screws. (Tmax = 7.14 in-lb/0.8 Nm). Snap the auxiliary
contacts onto the mounting adapter. Use the disc label with legend at
every switch per appropriate standards
3. Mount the E-Stop button on a rigid surface that is easily accessible
and visible to operators and other personnel. Refer to appropriate
standards for recommendations on number and placement.
Electrical Installation
To access the wiring chamber, remove four screws and the cover. Conduit
mounting via removable rubber plug or knockout.
Figure 1. Assembly
Maintenance
At machine set up, a Designated Person1 should test each emergency stop push button for proper machine shutdown response.
The Designated Person should check the emergency stop buttons for proper operation, physical damage, button looseness, and
excessive environmental contamination. This should take place on a periodic schedule determined by the user, based on the
severity of the operating environment and the frequency of switch actuations
Adjust, repair, or replace components as needed. If inspection reveals contamination on the switch, thoroughly clean the switch
and eliminate the cause of the contamination. Replace the switch and/or appropriate components when any parts or assemblies
are damaged, broken, deformed, or badly worn; or if the electrical/mechanical specifications (for the environment and operating
conditions) have been exceeded.
Always test the control system for proper functioning under machine control conditions after performing maintenance, replacing
the emergency stop device, or replacing any component of the device.
1 A Designated Person is identified in writing by the employer as being appropriately trained to perform a specified checkout procedure. A Qualified Person
possesses a recognized degree or certificate or has extensive knowledge, training, and experience to solve problems relating to the emergency stop
installation (reference ANSI B30.2).
SSA-EB Series Emergency Stop Buttons
2
www.bannerengineering.com - Tel: +1-763-544-3164
P/N 111880 Rev. B



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com