Electronic Components Datasheet Search
  English  ▼

X  

PC29M33AT Datasheet(PDF) 12 Page - NEC

Part # PC29M33AT
Description  THREE-TERMINAL LOW DROPOUT VOLTAGE REGULATOR
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

PC29M33AT Datasheet(HTML) 12 Page - NEC

Back Button PC29M33AT Datasheet HTML 8Page - NEC PC29M33AT Datasheet HTML 9Page - NEC PC29M33AT Datasheet HTML 10Page - NEC PC29M33AT Datasheet HTML 11Page - NEC PC29M33AT Datasheet HTML 12Page - NEC PC29M33AT Datasheet HTML 13Page - NEC PC29M33AT Datasheet HTML 14Page - NEC PC29M33AT Datasheet HTML 15Page - NEC PC29M33AT Datasheet HTML 16Page - NEC  
Zoom Inzoom in Zoom Outzoom out
 12 / 16 page
background image
Data Sheet G15368EJ1V0DS
12
µµµµPC29M33A,µµµµPC29M05A
RECOMMENDED SOLDERING CONDITIONS
When soldering this product, it is highly recommended to observe the conditions as shown below. If other soldering
processes are used, or if the soldering is perfomed under different condition, please make sure to consult with our
sales offices.
For more details, refer to our document “SEMICONDUCTOR DEVICE MOUNTING TECHNOLOGY MANUAL”
(C10535E).
Surface Mount Device
µµµµPC29M33AT, µµµµPC29M05AT: MP-3Z (SC-63)
Process
Conditions
Symbol
Infrared Ray Reflow
Peak temperature: 235°C or below (Package surface temperature),
Reflow time: 30 seconds or less (at 210°C or higher),
Maximum number of reflow processes: 2 times or less.
IR35-00-2
Vapor Phase Soldering
Peak temperature: 215°C or below (Package surface temperature),
Reflow time: 40 seconds or less (at 200°C or higher),
Maximum number of reflow processes: 2 times or less.
VP15-00-2
Wave Soldering
Solder temperature: 260°C or below, Flow time: 10 seconds or less,
Maximum number of flow processes: 1 time,
Pre-heating temperature: 120°C or below (Package surface temperature).
WS60-00-1
Partial Heating Method
Pin temperature: 300°C or below,
Heat time: 3 seconds or less (Per each side of the device).
–
Caution Apply only one kind of soldering condition to a device, except for "partial heating method", or the
device will be damaged by heat stress.
Through-hole devices
µPC29M33AHF, µPC29M05AHF: MP-45G
µPC29M33AHB, µPC29M05AHB: MP-3
Process
Conditions
Wave soldering
(only to leads)
Solder temperature: 260
°C or below,
Flow time: 10 seconds or less.
Partial heating method
Pin temperature: 300
°C or below,
Heat time: 3 seconds or less (Per each pin).
Caution For through-hole device, the wave soldering process must be applied only to leads, and make
sure that the package body does not get jet soldered.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com