Electronic Components Datasheet Search
  English  ▼

X  

LM3122ACW Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3122ACW
Description  LCD Module User Manual
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3122ACW Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM3122ACW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM3122ACW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM3122ACW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM3122ACW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM3122ACW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3122ACW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3122ACW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3122ACW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3122ACW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
TOPWAY
LCD Module User Manual
LM3122ACW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3122ACW-Manual-Rev0.1.DOC 1
Page: 7 of 9
4. Function Specifications
4.1
Basic Setting
To drive the LCD module correctly and provide normally display, please use the following setting
Select duty = 1/32
Static drive ON/OFF = OFF (Normal Driving)
ADC = 0
Display Start Line = 0
DISPLAY ON/OFF = ON
Read-Modify-Write = OFF
4.2
Resetting the LCD module
The LCD module should be initialized by the hardware reset during power on sequence.
Keep RES terminal at low level, during the power on.
After the power supply is stable, a hardware reset signal should apply to the RES terminal.
The LCD module will be initialized at the rising and falling edge of the RES signal.
For normal running, RES signal must be keep at low level
After the Hardware Reset, the LCD module controllers status will be:
(note: this is not the basic setting for normal display)
-
Display ON/OFF = OFF
-
Display start line register = 0
-
Static drive ON/OFF = OFF (Normal Driving)
-
Column address counter = 0
-
Page address register = Page 3
-
Select duty = 1/32
-
ADC = 1
-
Read-Modify-Write = OFF
Caution:
Never keep RES signal at High level for more than 1ms, otherwise unexpected high current drawn will occur due to
the internal data collision. It may permanently damage the LCD module.



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com