Electronic Components Datasheet Search
  English  ▼

X  

PRO-KIT Datasheet(PDF) 2 Page - Banner Engineering Corp.

Part # PRO-KIT
Description  Pro Editor Converter Cable
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  BANNER [Banner Engineering Corp.]
Direct Link  https://www.bannerengineering.com/us/en.html
Logo BANNER - Banner Engineering Corp.

PRO-KIT Datasheet(HTML) 2 Page - Banner Engineering Corp.

  PRO-KIT Datasheet HTML 1Page - Banner Engineering Corp. PRO-KIT Datasheet HTML 2Page - Banner Engineering Corp. PRO-KIT Datasheet HTML 3Page - Banner Engineering Corp. PRO-KIT Datasheet HTML 4Page - Banner Engineering Corp.  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Full Preview Capabilities Setup (Recommended)
A
B
C
E
D
F
Key
A = Pro Converter Cable (MQDC-506-USB)
B = Splitter (CSB-M1251FM1251M)
C = PC running Pro Editor software
D = Any Banner Pro Series-enabled device (K50 shown)
E = Power Supply (PSW-24-1)
F = 8-Pin to 5-Pin Double-Ended Cordset
(MQDC-801-5M-PRO), required for 8-Pin models
Install the Pro Converter Cable Driver (Windows 7)
When connected to a PC running Microsoft Windows 7 for the first time, the Pro Converter Cable drivers must be installed
manually. To manually install the Pro Converter Cable driver on a Windows 7 device, follow these steps.
Note: After connecting the Pro Converter Cable to a PC running Microsoft Windows 7 the following message
may appear: "Device driver software not successfully installed".
1. Download the latest driver file from
www.bannerengineering.com/proeditor.
2. Open Control Panel.
3. Open Device Manager (in the System and Security category). The Pro Converter Cable is listed as Communications
Translator under Other Devices with an exclamation mark icon next to it indicating that the device driver has not been
successfully installed.
4. Right-click on Communications Translator and select Update Driver Software....
5. Click Browse my computer for driver software.
6. Click Let me pick from a list of device drivers on my computer.
7. Make sure that Show All Devices is selected and click Next.
8. Click Have Disk....
9. Click Browse... and select the driver file. For example, banner0x00D2_cdc.inf.
10. Click OK.
11. A warning displays that the driver is unsigned. Click Yes.
The Pro Converter Cable is listed as a COM Port under Ports in Device Manager.
Specifications and Requirements
Pro Converter Cable Specifications
Pro Editor Software PC Requirements
Input Voltage
5 V dc from USB Type A connector
Output Voltage
20 V dc
Banner Compatible Devices
View compatible devices at
www.bannerengineering.com/
proeditor
Certifications
Indicators
2 LED indicators:
Green Flashing: Power on
Amber Solid: Device on
Red Flashing: Device power fault
Communications
5-pin M12/Euro-style quick
disconnect connector compatible
with Banner Pro Series-enabled
devices
Operating System
Microsoft ® Windows ® operating
system versions 7 or 10
Hard Drive Space
20 MB
USB
Available USB port
Screen Resolution
1366 × 768 full color minimum
Third-Party Software
.NET version 4.5.2 or higher
Important: Administrative rights are
required to install the Pro Editor software.
Pro Editor Converter Cable
2
www.bannerengineering.com - Tel: + 1 888 373 6767
P/N 206059 Rev. C



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com