Electronic Components Datasheet Search
  English  ▼

X  

LM3038 Datasheet(PDF) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM3038
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM3038 Datasheet(HTML) 8 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM3038 Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM3038 Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM3038 Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM3038 Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM3038 Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM3038 Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM3038 Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM3038 Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM3038 Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 13 page
background image
TOPWAY
LCD Module User Manual
LM3038
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM3038-Manual-Rev0.1.doc
Page: 8 of 13
4. Function Specifications
4.1
Resetting the LCD module
The LCD module should be initialized by setting /RST terminal at low level when turning the
power on. See the reset timing section for details.
The initialized status is as follow:
Functions
Initialized Status
ENTER MODE SET
I/D=1
cursor move to right
S=0
DDRAM address counter (AC) plus 1
DISPLAY STATUS
D=0
display = OFF
C=0
cursor = OFF
B=0
cursor position blink = OFF
FUNCTION SET
DL=1
8bit Interface
RE=0
Basic Instruction Set
SCROLL OR RAM ADDR. SELECT
SR=0
CGRAM address access is enabled
REVERSE
R1=0, R0=0
First line normal
EXTENDED FUNCTION SET
G=0
Graphic Display OFF
4.2
Using Parallel interface
When PSB=H, the LCD module is in parallel interface mode. 8-bit or 4-bit bus interface could
be selected by FUNCTION SET instruction DL bit.
In 4-bit bus interface, every 8-bit instruction/data is separated into two parts. First, transfer
the higher 4-bit (D7~D4). Then transfer the lower 4-bit (D3~D0). They are transferred via
DB7~DB4 terminals, where DB3~DB0 are not in used (leave open or pull high)
4.3
Using Serial interface
When PSB=L, the LCD module is in serial interface mode (write only).
In this mode, CS pin should be used. CS=H, enable the data transfer. CS=L, reset the serial
data counter, terminate the data transition and clear the data buffer.
As the controller IC have no instruction buffer area, it must wait for the previous instruction to
finish before sending the next one. Thus transferring multiple instruction/data, execution time
must be considered.
Starting a transmission, a start byte is required. It consists 5 consecutive “1” follow with a “0”,
a RS bit (Register Select bit) and a “0”.
Then the 8bit instruction/data should be separated into 2 groups. First group is DB7 to DB4,
followed by 4 consecutive “0”. The second group is DB3 to DB0 with 4 consecutive “0”.
See the Data Sequence Diagram for details.
Data Sequence Diagram (Serial Mode)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com