Electronic Components Datasheet Search
  English  ▼

X  

LM2088SCW Datasheet(PDF) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM2088SCW
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM2088SCW Datasheet(HTML) 4 Page - Shenzhen TOPWAY Technology Co., Ltd

  LM2088SCW Datasheet HTML 1Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SCW Datasheet HTML 2Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SCW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SCW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM2088SCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
TOPWAY
LCD Module User Manual
LM2088SCW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM2088SCW-Manual-Rev0.3
Page: 4 of 11
1.4
Terminal Functions
Pin No.
K1&K4
K5
K3
Pin
Name
I/O
Descriptions
1
1
15
VSS
Power
0V Power Supply, GND
2
2
14
VDD
Power
Positive Power Supply
3
3
17
V0
Input
LCD Contrast Reference Input
4
5
3
/WR
Input
Write enable input, active LOW
5
6
2
/RD
Input
Read enable input, active LOW
6
15
4
/CS
Input
Chip Select Signal
/CS=LOW: Data IO is enabled
7
4
5
A0
Input
Data Type Select
A0=H: command write, display data or cursor add read
A0=L: status flag read, display data or parameter write
8
16
1
/RES
Input
Reset Signal:
/RES = L, Reset the LCD Module
/RES = H, Normal Running
9
7
6
DB0
:
:
:
:
16
14
13
DB7
I/O
8-bit bi-directional data bus
17
21
18
NC
-
No connection, Leave open
18
17
16
VOUT
Power
Power Booster Output for V0
19
19
23
BLA
Power
Positive Power Supply for LED backlight
20
20
24
BLK
Power
Negative Power Supply for LED backlight
-
18
-
SEL1
Input
80 mode or 68 mode selection(*1)
-
22
19
NC
-
No connection, Leave open
20
21
-
-
22
NC
-
No connection, Leave open
note:
*1.
SEL1 fixed to low (80 mode) by internal Jumper JP4



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com