Electronic Components Datasheet Search
  English  ▼

X  

DSC1104 Datasheet(PDF) 25 Page - Microchip Technology

Part # DSC1104
Description  Low Jitter Precision HCSL Oscillator
PDF  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICROCHIP [Microchip Technology]
Direct Link  http://www.microchip.com
Logo MICROCHIP - Microchip Technology

DSC1104 Datasheet(HTML) 25 Page - Microchip Technology

Back Button DSC1104 Datasheet HTML 20Page - Microchip Technology DSC1104 Datasheet HTML 21Page - Microchip Technology DSC1104 Datasheet HTML 22Page - Microchip Technology DSC1104 Datasheet HTML 23Page - Microchip Technology DSC1104 Datasheet HTML 24Page - Microchip Technology DSC1104 Datasheet HTML 25Page - Microchip Technology DSC1104 Datasheet HTML 26Page - Microchip Technology DSC1104 Datasheet HTML 27Page - Microchip Technology DSC1104 Datasheet HTML 28Page - Microchip Technology  
Zoom Inzoom in Zoom Outzoom out
 25 / 28 page
background image
 2017 Microchip Technology Inc.
DS20005870A-page 25
DSC1104/24
PRODUCT IDENTIFICATION SYSTEM
To order or obtain information, e.g., on pricing or delivery, contact your local Microchip representative or sales office
.
PART NO.
X
X
Packaging
Stability
Device
Device:
DSC1104:
Low-Jitter Precision HCSL Oscillator with
Standby
DSC1124:
Low-Jitter Precision HCSL Oscillator
Package:
A
=
6-Lead 7.0 mm x 5.0 mm CDFN
B
=
6-Lead 5.0 mm x 3.2 mm CDFN
C
=
6-Lead 3.2 mm x 2.5 mm CDFN
D
=
6-Lead 2.5 mm x 2.0 mm CDFN
N
=
6-Lead 7.0 mm x 5.0 mm CDFN w/o center
pad
Temperature
Range:
E=
–20
C to +70C (Extended Commercial)
I=
–40
C to +85C (Industrial)
L=
–40
C to +105C (Extended Industrial)
Stability:
1=
±50 ppm
2=
±25 ppm
3=
±20 ppm
5=
±10 ppm
Frequency:
xxx.xxxx
= 2.3 MHz to 460 MHz (User Defined)
Packing Option:
<blank>=
Tube
T
=
1000/Reel
X
Package
Note 1:
Tape and Reel identifier only appears in the
catalog part number description. This
identifier is used for ordering purposes and
is not printed on the device package. Check
with your Microchip Sales Office for package
availability with the Tape and Reel option.
X
Temperature
Range
-XXX.XXXX
Frequency
Option
Examples:
a) DSC1104AE1-
053.5000:
Low Jitter Precision HCSL Oscillator
with Standby, 6-Lead 7x5 CDFN, Ext.
Commercial Temp. Range, ±50 ppm
Stability, 53.5 MHz Frequency, Tube
b) DSC1124BI2-
246.8100T:
Low Jitter Precision HCSL Oscillator, 6-
Lead 5x3.2 VDFN, Industrial Temp.
Range, ±25 ppm Stability, 246.81 MHz
Frequency, 1000/Reel
c) DSC1104CL5-
156.2500:
Low Jitter Precision HCSL Oscillator
with Standby, 6-Lead 3.2x2.5 VDFN,
Ext. Industrial Temp. Range, ±10 ppm
Standby, 156.25 MHz Frequency, Tube
d) DSC1124DE3-
094.5500T:
Low Jitter Precision HCSL Oscillator, 6-
Lead 2.5x2.0 CDFN, Ext. commercial
Temp.
Range,
±20 ppm
Stability,
94.55 MHz Frequency, 1000/Reel



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com