Electronic Components Datasheet Search
  English  ▼

X  

LM6020CCW Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6020CCW
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6020CCW Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6020CCW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6020CCW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6020CCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6020CCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6020CCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6020CCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6020CCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6020CCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM6020CCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TOPWAY
LCD Module User Manual
LM6020CCW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6020CCW-Manual-Rev0.2
Page: 7 of 11
5. Function specifications
5.1
Adjusting the Display Contrast
-
This LCD module equipped with latest digital contrast adjustment function.
-
Its display contrast could be adjusted by MCU command. (please see the command tables for
details)
-
It is recommended to provide a contrast adjustment interface for end-user, where the best
display result could meet the individual preference in mass production.
5.2
The Serial Interface
When the serial interface has been selected then when the chip is in active state the serial data
input(SI) and the serial clock(SCL) can be received. The serial data is read from the serial data
input pin in the rising edge of the serial clock . When “A0”=“H”, the data is display data, and when
“A0”=“L”, the data is command.
5.3
Basic Setting
To drive the LCD module correctly and provide normally display, please use the following setting
-
ADC = 0 (normal)
-
SHL select = 1 (reverse)
-
LCD Bias Select = 1/9
-
Initial Display Line = 0
-
Entire Display ON/OFF = OFF (normal)
-
Reverse Display ON/OFF = OFF (normal)
-
Set Power Control Set:
voltage follower = ON, voltage converter = ON, voltage regulator = ON
-
Display ON/OFF = ON
Note:
*1. These setting/commands should issue the LCD module while start up.
*2. See the Display Commands section for details.
5.4
Resetting the LCD module
The LCD module should be initialized by using /RES terminal.
While turning on the VDD and VSS power supply, maintain /RES terminal at LOW level. After the
power supply stabilized, release the reset terminal (/RES=HIGH)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com