Electronic Components Datasheet Search
  English  ▼

X  

LM6030ACW Datasheet(PDF) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6030ACW
Description  LCD Module User Manual
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6030ACW Datasheet(HTML) 7 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6030ACW Datasheet HTML 3Page - Shenzhen TOPWAY Technology Co., Ltd LM6030ACW Datasheet HTML 4Page - Shenzhen TOPWAY Technology Co., Ltd LM6030ACW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6030ACW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6030ACW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6030ACW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6030ACW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6030ACW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM6030ACW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 7 / 11 page
background image
TOPWAY
TOPWAY
TOPWAY
TOPWAY
LCD Module User Manual
LM6030ACW
URL:
www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6030ACW-Manual-Rev0.2.DOC
Page: 7 of 11
4. Function specifications
4.1 Basic Setting
To drive the LCD module correctly and provide normally display, please use the following setting
-
ADC = 0 (normal)
-
SHL select = 1 (reverse)
-
LCD Bias Select = 1/9
-
Initial Display Line = 0
-
Entire Display ON/OFF = OFF (normal)
-
Reverse Display ON/OFF = OFF (normal)
-
Set Power Control Set:
voltage follower = ON, voltage converter = ON, voltage regulator = ON
-
Display ON/OFF = ON
Note:
*1. These setting/commands should issue the LCD module while start up.
*2. See the Display Commands section for details.
4.2 Resetting the LCD module
The LCD module should be initialized by using /RES terminal.
While turning on the VDD and VSS power supply, maintain /RES terminal at LOW level. After the
power supply stabilized, release the reset terminal (/RES=HIGH)
4.3 Application Circuit (example)
Two external capacitors are needed for booster as follows(C1,C2 =1.0uF),
R1 is not installed by default (R1 reserved for abnormal power off procedure)
V0
XV0
VG
VSS
LM6030A
C1
C2
R1



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com