Electronic Components Datasheet Search
  English  ▼

X  

LM6059BCW Datasheet(PDF) 12 Page - Shenzhen TOPWAY Technology Co., Ltd

Part # LM6059BCW
Description  LCD Module User Manual
PDF  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TOPWAY [Shenzhen TOPWAY Technology Co., Ltd]
Direct Link  https://www.topwaydisplay.com
Logo TOPWAY - Shenzhen TOPWAY Technology Co., Ltd

LM6059BCW Datasheet(HTML) 12 Page - Shenzhen TOPWAY Technology Co., Ltd

Back Button LM6059BCW Datasheet HTML 5Page - Shenzhen TOPWAY Technology Co., Ltd LM6059BCW Datasheet HTML 6Page - Shenzhen TOPWAY Technology Co., Ltd LM6059BCW Datasheet HTML 7Page - Shenzhen TOPWAY Technology Co., Ltd LM6059BCW Datasheet HTML 8Page - Shenzhen TOPWAY Technology Co., Ltd LM6059BCW Datasheet HTML 9Page - Shenzhen TOPWAY Technology Co., Ltd LM6059BCW Datasheet HTML 10Page - Shenzhen TOPWAY Technology Co., Ltd LM6059BCW Datasheet HTML 11Page - Shenzhen TOPWAY Technology Co., Ltd LM6059BCW Datasheet HTML 12Page - Shenzhen TOPWAY Technology Co., Ltd LM6059BCW Datasheet HTML 13Page - Shenzhen TOPWAY Technology Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 12 / 13 page
background image
TOPWAY
LCD Module User Manual
LM6059BCW
URL: www.topwaydisplay.com
www.topwaysz.com
Document Name: LM6059BCW-Manual-Rev0.5
Page: 12 of 13
4.7
Basic Operating Sequence (example)
4.7.1 Initialization Sequence
Code Function
hex
Note
Turn on Power Supply VDD & VSS
While maintaining /RES at LOW
--
-
-
-
-
-
-
-
-
-
↓
Wait until power supply is stabilized
--
-
-
-
-
-
-
-
-
-
↓
Release the /RES Reset Signal
(/RES = HIGH)
--
-
-
-
-
-
-
-
-
See AC Characteristics section
for timing details
↓
LCD bias = 1/9
0 1 010 00 1 0
A2h
LCD panel Characteristic
↓
ADC = normal
0 1 010 00 0 0
A0h
No flip on x-direction (SEG)
↓
SHL = reverse
0 1 100 10 0 0
C8h
Flip on y-direction (COM)
↓
Initial Display Line=0
0 0 1 0 0 0 0 0 0
40h
i.e. Display RAM “page 0 - D0”
Matched to top line of the LCD
↓
Power Control
Voltage Follower = OFF
Voltage Regulator = OFF
Voltage Converter = ON
0 0 010 11 0 0
2Ch
Turn on the internal Voltage
Converter and wait until VOUT
stable.
Delay 50ms
--
-
-
-
-
-
-
-
-
↓
Power Control
Voltage Follower = OFF
Voltage Regulator = ON
Voltage Converter = ON
0 0 010 11 1 0
2Eh
Turn on the Internal Voltage
Regulator and wait until VOUT
stable.
Delay 50ms
--
-
-
-
-
-
-
-
-
↓
Power Control
Voltage Follower = ON
Voltage Regulator = ON
Voltage Converter = ON
0 0 010 11 1 1
2Fh
Turn on the internal Voltage
Follower and wait until VOUT
stable
Delay 50ms
--
-
-
-
-
-
-
-
-
↓
Regulator Resistor Select
0 0 0 1 0 0 1 1 0
26h
Set the built-in resistor ratio
↓
Set Reference Voltage Mode
0 1 0 0 0 0 0 0 1
81h
Set to the middle of the range
It may be adjusted for achieving
the best display contrast
Set Reference Voltage Resistor
0 0 001 10 1 0
1Ah
↓
Display ON
0 1 010 11 1 1
AFh
Turn on the LCD display
↓
Set Page Address = 0
0 1 011 00 0 0
B0h
Specify the Display Data RAM
page address to 00h
↓
Set Column Address (Upper-4bit=0)
0 0 0 0 1 0 0 0 0
10h
Set Column Address (Lower-4bit=0)
0 0 0 0 0 0 0 0 0
00h
Specify the Display Data RAM
column address to 00h
↓
Write Display Data
1
Display Data
Write data to Display Data RAM.
After write, the internal Column
Address Counter will be
increased by 1 automatically
↓
Write Other Display Data …



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com