Electronic Components Datasheet Search
  English  ▼

X  

23C256 Datasheet(PDF) 2 Page - NEC

Part # 23C256
Description  NAND INTERFACE 256M-BIT MASK-PROGRAMMABLE ROM
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NEC [NEC]
Direct Link  http://www.nec.com/
Logo NEC - NEC

23C256 Datasheet(HTML) 2 Page - NEC

  23C256 Datasheet HTML 1Page - NEC 23C256 Datasheet HTML 2Page - NEC 23C256 Datasheet HTML 3Page - NEC 23C256 Datasheet HTML 4Page - NEC 23C256 Datasheet HTML 5Page - NEC 23C256 Datasheet HTML 6Page - NEC 23C256 Datasheet HTML 7Page - NEC 23C256 Datasheet HTML 8Page - NEC 23C256 Datasheet HTML 9Page - NEC Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 32 page
background image
Data Sheet M15902EJ2V0DS
2
µPD23C256112A
Pin Configurations
/xxx indicates active low signal.
48-pin PLASTIC TSOP(I) (12x18) (Normal bent)
[
µµµµPD23C256112AGY-xxx-MJH ]
Marking Side
NC
NC
NC
IC
IC
GND
R, /B
/RE
/CE
NC
NC
VCC
VSS
NC
NC
CLE
ALE
/WE
IC
IC
IC
NC
NC
NC
NC
NC
NC
NC
I/O7
I/O6
I/O5
I/O4
NC
NC
NC
VCC
VSS
NC
NC
NC
I/O3
I/O2
I/O1
I/O0
NC
NC
NC
NC
1
2
3
4
5
6
7
8
9
10
11
12
13
14
15
16
17
18
19
20
21
22
23
24
48
47
46
45
44
43
42
41
40
39
38
37
36
35
34
33
32
31
30
29
28
27
26
25
I/O0 to I/O7
: Address Inputs / Command Inputs / Data Outputs
CLE
: Command Latch Enable Input
ALE
: Address Latch Enable Input
/WE
: Write Enable Input
/RE
: Read Enable Input
/CE
: Chip Enable Input
R, /B
Note1
: READY, /BUSY Output
VCC
: Supply voltage
Vss
: Ground
NC
Note2
: No connection
IC
Note3
: Internal connection
GND
: GND
Notes 1. This pin is an open-drain output pin. Therefore, a pull-up resistor is required when using this pin.
2. Some signals can be applied because this pin is not connected to the inside of the chip.
3. Leave this pin unconnected or connected to VSS.
Remark Refer to Package Drawings for the 1-pin index mark.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com