Electronic Components Datasheet Search
  English  ▼

X  

FC2082G Datasheet(PDF) 11 Page - First Silicon Co., Ltd

Part # FC2082G
Description  LED CONSTANT CURRENT DRIVER
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC2082G Datasheet(HTML) 11 Page - First Silicon Co., Ltd

Back Button FC2082G Datasheet HTML 4Page - First Silicon Co., Ltd FC2082G Datasheet HTML 5Page - First Silicon Co., Ltd FC2082G Datasheet HTML 6Page - First Silicon Co., Ltd FC2082G Datasheet HTML 7Page - First Silicon Co., Ltd FC2082G Datasheet HTML 8Page - First Silicon Co., Ltd FC2082G Datasheet HTML 9Page - First Silicon Co., Ltd FC2082G Datasheet HTML 10Page - First Silicon Co., Ltd FC2082G Datasheet HTML 11Page - First Silicon Co., Ltd FC2082G Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 11 / 12 page
background image
TO-252 PACKAGE
Symbol
Min(mm)
Max(mm)
A
2.0
2.7
A1
-
0.2
b
0.5
1.1
c
0.3
0.8
D
6.3
6.9
D1
4.9
5.7
D2
4.83(REF)
E
5.9
6.4
e
2.086
2.486
L
9.5
10.7
L1
2.9(REF)
L2
1.2
1.9
L3
1.6(REF)
L4
0.4
1.2
Φ
0.9
1.5
θ
0°
10°
h
-
0.5
V
5.35(REF)
FC2082G
2018. 07. 09
11/12
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com