Electronic Components Datasheet Search
  English  ▼

X  

FC62173 Datasheet(PDF) 7 Page - First Silicon Co., Ltd

Part # FC62173
Description  Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC62173 Datasheet(HTML) 7 Page - First Silicon Co., Ltd

Back Button FC62173 Datasheet HTML 3Page - First Silicon Co., Ltd FC62173 Datasheet HTML 4Page - First Silicon Co., Ltd FC62173 Datasheet HTML 5Page - First Silicon Co., Ltd FC62173 Datasheet HTML 6Page - First Silicon Co., Ltd FC62173 Datasheet HTML 7Page - First Silicon Co., Ltd FC62173 Datasheet HTML 8Page - First Silicon Co., Ltd FC62173 Datasheet HTML 9Page - First Silicon Co., Ltd FC62173 Datasheet HTML 10Page - First Silicon Co., Ltd FC62173 Datasheet HTML 11Page - First Silicon Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
4) Supply Current vs. Input Voltage
5) Output Voltage vs. Ambient Temperature
6) Supply Current vs. Ambient Temperature
FC62302
2.9
2.95
3
3.05
3.1
-60
-40
-20
0
20
40
60
80
100
Ambient Temp Topr (℃)
VIN = 4.0V
CL = 0.1 uF(Tantalum)
IOUT = 10mA
IOUT = 40mA
FC62502
4.8
4.85
4.9
4.95
5
5.05
5.1
-60
-40
-20
0
20
40
60
80
100
Ambient Temp Topr (℃)
VIN = 6.0V
CL = 0.1uF (Tantalum)
IOUT = 10mA
IOUT = 40mA
FC62502
1
1.5
2
2.5
3
3.5
-60
-40
-20
0
20
40
60
80
100
Ambient Temp Topr (℃)
VIN = 6.0V
FC62302
1
1.2
1.4
1.6
1.8
2
2.2
2.4
2.6
2.8
-60
-40
-20
0
20
40
60
80
100
Ambient Temp Topr (℃)
VIN = 4.0V
FC62502
0
0.5
1
1.5
2
2.5
3
3.5
0
2
4
6
8
10
12
Input Voltage VIN(V)
Topr =80℃
Topr =25℃
Topr =-40℃
FC62302
0
0.5
1
1.5
2
2.5
3
0
2
4
6
8
10
12
Input Voltage VIN(V)
Topr =80℃
Topr =25℃
Topr =-40℃
2019. 07. 15
7/12
FC62
Revision No : 1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com