Electronic Components Datasheet Search
  English  ▼

X  

FC62183 Datasheet(PDF) 8 Page - First Silicon Co., Ltd

Part # FC62183
Description  Positive Voltage Regulator
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FC62183 Datasheet(HTML) 8 Page - First Silicon Co., Ltd

Back Button FC62183 Datasheet HTML 4Page - First Silicon Co., Ltd FC62183 Datasheet HTML 5Page - First Silicon Co., Ltd FC62183 Datasheet HTML 6Page - First Silicon Co., Ltd FC62183 Datasheet HTML 7Page - First Silicon Co., Ltd FC62183 Datasheet HTML 8Page - First Silicon Co., Ltd FC62183 Datasheet HTML 9Page - First Silicon Co., Ltd FC62183 Datasheet HTML 10Page - First Silicon Co., Ltd FC62183 Datasheet HTML 11Page - First Silicon Co., Ltd FC62183 Datasheet HTML 12Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 8 / 12 page
background image
2019. 07. 15
8/12
FC62
Revision No : 1
Ordering Informa tion
Marking
Designator
Description
Output Voltage
eg.
30=3.0V
a
50=5.0V
b
Output Voltage Accuracy
2 = ±2.0%
3 = ±3.0%
c
Package Type
M = SOT-23
P = SOT-89
T = TO-92
d
Device Orientation
R = Embossed Tape
(Orientation of Device : Right)
L = Embossed Tape
(Orientation of Device : Left)
B = Bag (TO-92)
H = Paper Tape (TO-92)
G = Lead Free Part
SOT-89 :
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
5
Internal Code
SOT-23 :
Designator
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
4
Internal Code
TO-92 :
1
Type
R = Positive Voltage Regulator
2,3
Output Voltage
eg. 30 = 3.0V
5
Internal code
6, 7
Year Code
eg. 05 = Year 2005
8, 9
Week Code
eg. 30 = Week 30
FC62xxxxxxG
G
Description
Designator
Description
Designator
Description
a b c d e
4
Output Voltage Accuracy
2 = ± 2.0%
3 = ± 3.0%
4
Output Voltage Accuracy
2 = ± 2.0%
3 = ± 3.0%
◆
◆
◆ ◆
◆
◆
◆ ◆



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com