Electronic Components Datasheet Search
  English  ▼

X  

FDR501U Datasheet(PDF) 3 Page - First Silicon Co., Ltd

Part # FDR501U
Description  Surface Mount Schotty Diode
PDF  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FS [First Silicon Co., Ltd]
Direct Link  http://www.firstsilicon.co.kr/
Logo FS - First Silicon Co., Ltd

FDR501U Datasheet(HTML) 3 Page - First Silicon Co., Ltd

  FDR501U Datasheet HTML 1Page - First Silicon Co., Ltd FDR501U Datasheet HTML 2Page - First Silicon Co., Ltd FDR501U Datasheet HTML 3Page - First Silicon Co., Ltd  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
K
A
D
1
2
B
C
E
0 63
0 02''
0 83
0 033''
1 60
0 063"
2 85
0 112''
mm
inches
H
J
SOD-323
NOTES:
1. DIMENSIONING AND TOLERANCING
PER ANSI Y14.5M, 1982.
2. CONTROLLING DIMENSION: MILLIMETERS
MIN
MAX
MIN
MAX
1.60
1.80
0 063
0.071
1.15
1.35
0 045
0.053
0.80
1.00
0 031
0.039
0.25
0.40
0 010
0.016
F
E
R
6
0
0
.
0
F
E
R
5
1
.
0
0.00
0.10
0 000
0.004
0.089
0.177
0.0035
0 0070
2.30
2.70
0 091
0.106
MILLIMETERS
DIM
A
B
C
D
E
H
J
K
INCHES
PIN: 1. CATHODE
2. ANODE
2009. 7. 28
3/3
Revision No : 1
FDR501U



Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com